Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986ITR Datasheet(PDF) 40 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 36Page - STMicroelectronics A6986ITR Datasheet HTML 37Page - STMicroelectronics A6986ITR Datasheet HTML 38Page - STMicroelectronics A6986ITR Datasheet HTML 39Page - STMicroelectronics A6986ITR Datasheet HTML 40Page - STMicroelectronics A6986ITR Datasheet HTML 41Page - STMicroelectronics A6986ITR Datasheet HTML 42Page - STMicroelectronics A6986ITR Datasheet HTML 43Page - STMicroelectronics A6986ITR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
Figure 44. Secondary winding positive peak current dependency on duty cycle (IOUT_sec = 100 mA)
0
0.5
1
1.5
2
2.5
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Duty cycle
Figure 45. Primary negative peak current dependency on duty cycle (VOUT_pri = 5 V, IOUT_pri = 0, IOUT_sec =
100 mA, N = 6, fSW = 500 kHz, L = 19 µH)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Duty cycle
Reverse current
limit already
triggered
typ. reverse current
limit threhsold
Windings resistance
Winding resistances should be minimized as much as possible since they affect the secondary output load
regulations. They also contribute to power losses, therefore affecting the efficiency of the total solution.
Leakage inductance
The leakage inductance of a transformer can be defined as an undesired inductive component due to the not
perfect magnetic linking of the two windings. Leakage inductance is inherent to the transformer construction and
can only be reduced but not eliminated.
A6986I
Design of the external components
DS13481 - Rev 2
page 40/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com