Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986ITR Datasheet(PDF) 20 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 16Page - STMicroelectronics A6986ITR Datasheet HTML 17Page - STMicroelectronics A6986ITR Datasheet HTML 18Page - STMicroelectronics A6986ITR Datasheet HTML 19Page - STMicroelectronics A6986ITR Datasheet HTML 20Page - STMicroelectronics A6986ITR Datasheet HTML 21Page - STMicroelectronics A6986ITR Datasheet HTML 22Page - STMicroelectronics A6986ITR Datasheet HTML 23Page - STMicroelectronics A6986ITR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
As shown in Section 5.7, the input voltage also plays a role in the isolated output regulation. Figure 20 further
proves the slight dependency of the isolated output voltage on the input voltage.
Figure 21. Input voltage effect on the load regulation of the isolated voltage
-20%
-15%
-10%
-5%
0%
5%
10%
15%
20%
10
20
30
40
50
60
70
80
90
100
IOUT [mA]
VIN = 12V
VIN = 18V
VIN = 24V
5.9
Overcurrent protection
Protection against overcurrent conditions and/or short-circuit at the output is ensured at both primary and
secondary side of the iso-buck converter.
Overcurrent protection at the primary side
The current protection circuitry features a constant current protection, so the device limits the maximum peak
current (see Section 3 ) in overcurrent condition.
The A6986I device implements a pulse-by-pulse current sensing on both power elements (high-side and low-side
switches), ensuring an effective current protection over the duty cycle range. The high-side current sensing is
called “peak” the low-side sensing “valley”.
The internal noise generated during the switching activity makes the current sensing circuitry ineffective for a
minimum conduction time of the power element. This time is called “masking time” because the information
from the analog circuitry is masked by the logic to prevent an erroneous detection of the overcurrent event.
Consequently, the peak current protection is disabled for a masking time after the high-side switch is turned on,
the valley for a masking time after the low-side switch is turned on. In other words, the peak current protection can
be ineffective at extremely low duty cycles, the valley current protection at extremely high duty cycles.
Summarizing, in case one of the two current sensing circuitries is ineffective because of the masking time, the
device is protected sensing the current on the opposite switch. Thus, the combination of the “peak” and “valley”
current limits assures the effectiveness of the overcurrent protection even in extreme duty cycle conditions.
The valley current threshold is designed higher than the peak to guarantee a proper operation. In case the current
diverges because of the high-side masking time, the low-side power element is turned on until the switch current
level drops below the valley current sense threshold. Under this condition the device can skip some cycle, leading
to a switching frequency reduction. The figure below shows an example of valley current limit intervention in a
short-circuit event (switching frequency set to 500 kHz, actual switching frequency 250 kHz).
A6986I
Overcurrent protection
DS13481 - Rev 2
page 20/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com