Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986ITR Datasheet(PDF) 57 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 53Page - STMicroelectronics A6986ITR Datasheet HTML 54Page - STMicroelectronics A6986ITR Datasheet HTML 55Page - STMicroelectronics A6986ITR Datasheet HTML 56Page - STMicroelectronics A6986ITR Datasheet HTML 57Page - STMicroelectronics A6986ITR Datasheet HTML 58Page - STMicroelectronics A6986ITR Datasheet HTML 59Page - STMicroelectronics A6986ITR Datasheet HTML 60Page - STMicroelectronics A6986ITR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
Contents
1
Application schematic .............................................................2
2
Pin connection ....................................................................3
2.1
Maximum ratings ............................................................... 4
3
Electrical characteristics...........................................................5
4
Parameters over the temperature range ............................................8
5
Functional description .............................................................9
5.1
Primary side ................................................................... 9
5.1.1
Power supply and voltage reference ......................................... 10
5.1.2
Switchover feature ...................................................... 11
5.1.3
Voltage monitor ......................................................... 11
5.1.4
Error amplifier .......................................................... 11
5.2
Transformer .................................................................. 11
5.3
Secondary side ............................................................... 11
5.4
Iso-buck operation principle ..................................................... 12
5.5
Soft-start and inhibit ........................................................... 13
5.6
Minimum on-time.............................................................. 15
5.7
Output voltage line regulation ................................................... 17
5.8
Output voltage load regulation................................................... 19
5.9
Overcurrent protection ......................................................... 20
5.10
Overvoltage protection ......................................................... 22
5.11
Thermal shutdown............................................................. 23
6
Closing the loop ..................................................................24
6.1
GCO(s) control to output transfer function ......................................... 24
6.2
Error amplifier compensation network ............................................ 25
6.3
Voltage divider ................................................................ 26
6.4
Total loop gain ................................................................ 26
6.5
Compensation network design .................................................. 27
7
Application notes .................................................................29
7.1
Output voltage adjustment ...................................................... 29
A6986I
Contents
DS13481 - Rev 2
page 57/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com