Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986ITR Datasheet(PDF) 32 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 28Page - STMicroelectronics A6986ITR Datasheet HTML 29Page - STMicroelectronics A6986ITR Datasheet HTML 30Page - STMicroelectronics A6986ITR Datasheet HTML 31Page - STMicroelectronics A6986ITR Datasheet HTML 32Page - STMicroelectronics A6986ITR Datasheet HTML 33Page - STMicroelectronics A6986ITR Datasheet HTML 34Page - STMicroelectronics A6986ITR Datasheet HTML 35Page - STMicroelectronics A6986ITR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
7.4
Synchronization
The synchronization feature helps the hardware designer to prevent beating frequency noise that is an issue
when multiple switching regulators populate the same application board.
7.4.1
Embedded master - slave synchronization
The A6986I synchronization circuitry features the same switching frequency for a set of regulators simply
connecting their SYNCH pin together, so preventing beating noise. The master device provides the
synchronization signal to the others since the SYNCH pin is I/O able to deliver or recognize a frequency signal.
For proper synchronization of multiple regulators, all of them have to be configured with the same switching
frequency (see Table 6), so the same resistor connected at the FSW pin.
In order to minimize the RMS current flowing through the input filter, the A6986I device provides a phase shift of
180° between the master and the slaves. If more than two devices are synchronized, all slaves have a common
180° phase shift with respect to the master.
Considering two synchronized A6986Is which regulate the same output voltage (i.e.: operating with the same duty
cycle), the input filter RMS current is optimized and is calculated as:
IRMS IOUT2∙ 2D∙ 1−2D                               if D<0.5
IOUT2∙ 2D−1∙2−2D                   if D>0.5
(29)
The graphical representation of the input RMS current of the input filter in the case of two devices with 0°
phase shift (synchronized to an external signal) or 180° phase shift (synchronized connecting their SYNCH pins)
regulating the same output voltage is provided in the figure below. To dimension the proper input capacitor please
refer to the dedicated section (Section 7.5.1 Input capacitor selection).
Figure 36. Input RMS current
The figure below shows two not synchronized regulators with unconnected SYNCH pin.
A6986I
Synchronization
DS13481 - Rev 2
page 32/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com