Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986ITR Datasheet(PDF) 43 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 39Page - STMicroelectronics A6986ITR Datasheet HTML 40Page - STMicroelectronics A6986ITR Datasheet HTML 41Page - STMicroelectronics A6986ITR Datasheet HTML 42Page - STMicroelectronics A6986ITR Datasheet HTML 43Page - STMicroelectronics A6986ITR Datasheet HTML 44Page - STMicroelectronics A6986ITR Datasheet HTML 45Page - STMicroelectronics A6986ITR Datasheet HTML 46Page - STMicroelectronics A6986ITR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
8
Application example
The target of this section is to show a typical application example as well as to describe the expected
performances.
The schematic below depicts a typical application where an isolated voltage (single) together with a not isolated
voltage is required.
Figure 49. Typical schematic with load applied to both the isolated and not isolated outputs
This application generates 5 V at the primary output (not isolated) with a switching frequency of 500 kHz. The
secondary voltage (isolated) is generated by a transformer with a 1:5.8 turn ratio. The voltage between VOUT_sec+
and VOUT_sec- changes with the current drawn from the load. A post-regulation is necessary to keep this voltage
stable.
Maximum deliverable current in an iso-buck topology must take into account equations (5) and (6). According to
how much current is drawn from the isolated and not isolated outputs, IPEAKHS or IPEAKLS is the most stringent
parameter.
A6986I
Application example
DS13481 - Rev 2
page 43/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com