Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986ITR Datasheet(PDF) 34 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 30Page - STMicroelectronics A6986ITR Datasheet HTML 31Page - STMicroelectronics A6986ITR Datasheet HTML 32Page - STMicroelectronics A6986ITR Datasheet HTML 33Page - STMicroelectronics A6986ITR Datasheet HTML 34Page - STMicroelectronics A6986ITR Datasheet HTML 35Page - STMicroelectronics A6986ITR Datasheet HTML 36Page - STMicroelectronics A6986ITR Datasheet HTML 37Page - STMicroelectronics A6986ITR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
The A6986I normally operates in MASTER mode, driving the SYNCH line at the selected oscillator frequency as
shown in Figure 39 and Figure 37.
In SLAVE mode the A6986I sets the internal oscillator at 250 kHz typ. (see Table 6) and drives the line
accordingly.
Figure 39. A6986I synchronization driving capability
In order to safely guarantee that each regulator recognizes itself in SLAVE mode when synchronized, the external
master must drive the SYNCH pin with a clock signal frequency higher than the maximum oscillator spread of the
selected line in Table 6 for at least 10 internal clock cycles.
Example 1: selecting RFSW = 0 Ω to VCC
Table 9. Example of oscillator frequency selection
Symbol
RVCC (E24 series
RGND (E24 series)
fSW min.
fSW typ.
fSW max.
fSW
NC
0 Ω
225
250
275
The device enters in SLAVE mode after 10 pulses at frequency higher than 275 kHz.
As anticipated above, in SLAVE mode the internal oscillator operates at 250 kHz typ. but the slope compensation
is dimensioned accordingly with FSW resistors so it is important to limit the switching operation around a working
point close to the selected oscillator frequency (FSW resistor).
As a consequence, to guarantee the full output current capability and to prevent the subharmonic oscillations, the
master may limit the driving frequency range within ± 5% of the selected frequency.
A wider frequency range may generate subharmonic oscillation for duty > 50% or limit the peak current capability
(see IPK parameter in Section 3 ) since the internal slope compensation signal may be saturated.
The device keeps operating in SLAVE mode as far as the master is able to drive the SYNCH pin faster than 275
kHz, otherwise the A6986I goes back into MASTER mode at the programmed RFSW oscillator frequency after
successfully driving one pulse 250 kHz typ. (see Figure 40) in the SYNCH line.
A6986I
Synchronization
DS13481 - Rev 2
page 34/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com