Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986ITR Datasheet(PDF) 18 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 14Page - STMicroelectronics A6986ITR Datasheet HTML 15Page - STMicroelectronics A6986ITR Datasheet HTML 16Page - STMicroelectronics A6986ITR Datasheet HTML 17Page - STMicroelectronics A6986ITR Datasheet HTML 18Page - STMicroelectronics A6986ITR Datasheet HTML 19Page - STMicroelectronics A6986ITR Datasheet HTML 20Page - STMicroelectronics A6986ITR Datasheet HTML 21Page - STMicroelectronics A6986ITR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
Secondary output line regulation
The secondary output line regulation is defined, similarly to the primary side, as the variation of the secondary
output voltage due to the input voltage change at a specific current. The secondary output line regulation is mainly
affected by the transformer and in particular by its leakage inductance.
Keeping constant the leakage inductance (i.e. using the same transformer), a higher input voltage allows to
slightly increase the isolated output voltage, as shown in Figure 16.
Figure 17. Secondary output line regulation
0%
1%
2%
3%
4%
5%
6%
12
13
14
15
16
17
18
19
20
21
22
23
24
VIN [V]
The input voltage value influences the peak current in the secondary winding (see Figure 17), hence determining
the amount of energy delivered to the secondary output and in turn the isolated output voltage value.
Figure 18. Secondary winding current at different input voltages
A6986I
Output voltage line regulation
DS13481 - Rev 2
page 18/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com