Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986ITR Datasheet(PDF) 7 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 3Page - STMicroelectronics A6986ITR Datasheet HTML 4Page - STMicroelectronics A6986ITR Datasheet HTML 5Page - STMicroelectronics A6986ITR Datasheet HTML 6Page - STMicroelectronics A6986ITR Datasheet HTML 7Page - STMicroelectronics A6986ITR Datasheet HTML 8Page - STMicroelectronics A6986ITR Datasheet HTML 9Page - STMicroelectronics A6986ITR Datasheet HTML 10Page - STMicroelectronics A6986ITR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Table 6. fSW selection (TJ = -40 to 135°C, VIN = 12 V unless otherwise specified).
Symbol
RVCC (E24 series)
RGND (E24 series)
Tj
fSW min.
fSW typ.
fSW max.
Unit
fSW
0 Ω
NC
(1)
225
250
275
kHz
1.8 Ω
NC
(1) (2)
-
285
-
3.3 kΩ
NC
-
330
-
5.6 kΩ
NC
-
380
-
10 kΩ
NC
-
435
-
NC
0 Ω
(3)
450
500
550
18 kΩ
NC
(1)(3)
-
575
-
33 kΩ
NC
-
660
-
56 kΩ
NC
-
755
-
NC
1.8 kΩ
-
870
-
NC
3.3 kΩ
(3)
900
1000
1100
1. Synchronization as slave between 275 kHz and 1000 kHz.
2. Not tested in production.
3. Synchronization as slave between 475 kHz and 1000 kHz.
Figure 3. Circuit RVCC, RGND
A6986I
VCC
FSW
SGND
RVCC
A6986I
VCC
FSW
SGND
RGND
Table 7. RST threshold selection (TJ = -40 to 135°C, VIN = 12 V unless otherwise specified).
Symbol
RGND (E241%)
VRST/VOUT (tgt. value)
VRSTmin.
VRSTtyp.
VRSTmax.
Unit
VRST
0 Ω (1)
93%
0.779
0.791
0.802
V
8.2 kΩ ±1% (1)
80%
0.670
0.680
0.690
18 kΩ ±1% (1)
87%
0.728
0.740
0.751
39 kΩ ±1%(2)
96%
0.804
0.816
0.828
1. please use the pre-defined resistor values.
2. do not exceed the indicated resistor value.
A6986I
Electrical characteristics
DS13481 - Rev 2
page 7/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com