Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986ITR Datasheet(PDF) 10 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 6Page - STMicroelectronics A6986ITR Datasheet HTML 7Page - STMicroelectronics A6986ITR Datasheet HTML 8Page - STMicroelectronics A6986ITR Datasheet HTML 9Page - STMicroelectronics A6986ITR Datasheet HTML 10Page - STMicroelectronics A6986ITR Datasheet HTML 11Page - STMicroelectronics A6986ITR Datasheet HTML 12Page - STMicroelectronics A6986ITR Datasheet HTML 13Page - STMicroelectronics A6986ITR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
The main internal blocks shown in the block diagram in figure below are:
Figure 5. Internal block diagram
RST
DRIVER
GND
GND
PEAK
CL
VALLEY
CL
ZERO
CROSSING
LOOP
CONTROL
OSCILLATOR
RST TH.
LX
FB
E/A
POWER
PMOS
POWER
NMOS
SENSE
PMOS
SENSE
NMOS
Vcc
SLOPE
VIN
SYNC
COMP
GND
DRIVER
GND
GND
VALLEY
CL
LOOP
CONTROL
E/A
POWER
PMOS
MOS
OVP
+
-
MLF
DELAY
DELAY
SS/INH
SS/INH
VREF
0
TSS
+
-
FSW
•
Embedded power elements. Thanks to the P-channel MOSFET as high-side switch the device features low-
dropout operation
•
A fully integrated sawtooth oscillator with adjustable frequency
•
A transconductance error amplifier
•
An internal feedback divider GDIV INT
•
The high-side current sense amplifier to sense the inductor current
•
A “Pulse Width Modulator” (PWM) comparator and the driving circuitry of the embedded power elements
•
The soft-start blocks to ramp the error amplifier reference voltage and so decreases the inrush current at
power-up. The SS/INH pin inhibits the device when driven low
•
The switchover capability of the internal regulator to supply a portion of the quiescent current when the VBIAS
pin is connected to an external output voltage
•
The synchronization circuitry to manage master / slave operation and the synchronization to an external
clock
•
The current limitation circuit to implement the constant current protection, sensing pulse-by-pulse high-side /
low-side switch current. In case of heavy short-circuit the current protection is fold back to decrease the
stress of the external components
•
A circuit to implement the thermal protection function
•
The OVP circuitry to discharge the output capacitor in case of overvoltage event
•
MLF normally connected to GND through a resistor to set the threshold of the RST comparator
•
FSW pin strapping sets the switching frequency
•
The RST open collector output
5.1.1
Power supply and voltage reference
The internal regulator block consists of a start-up circuit, the voltage pre-regulator that provides current to all the
blocks and the bandgap voltage reference. The starter supplies the start-up current when the input voltage goes
high and the device is enabled (SS/INH pin over the inhibits threshold).
The pre-regulator block supplies the bandgap cell and the rest of the circuitry with a regulated voltage that has a
very low supply voltage noise sensitivity.
A6986I
Primary side
DS13481 - Rev 2
page 10/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com