Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986ITR Datasheet(PDF) 17 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 13Page - STMicroelectronics A6986ITR Datasheet HTML 14Page - STMicroelectronics A6986ITR Datasheet HTML 15Page - STMicroelectronics A6986ITR Datasheet HTML 16Page - STMicroelectronics A6986ITR Datasheet HTML 17Page - STMicroelectronics A6986ITR Datasheet HTML 18Page - STMicroelectronics A6986ITR Datasheet HTML 19Page - STMicroelectronics A6986ITR Datasheet HTML 20Page - STMicroelectronics A6986ITR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
5.7
Output voltage line regulation
All results shown in this section come from measurements performed using the reference schematic depicted in
Figure 14.
Figure 15. Schematic used for line and load regulation tests
Primary output line regulation
The regulator features an enhanced primary line regulation due to the peak current mode architecture. Figure 15
shows negligible output voltage variation (normalized to the value measured at VIN = 12 V) over an input voltage
range up to 24 V for A6986I with VOUT prim = 5.3 V.
Figure 16. Primary line regulation
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
12
13
14
15
16
17
18
19
20
21
22
23
24
VIN [V]
Iout_prim = 0A
Iout_prim = 1A
A6986I
Output voltage line regulation
DS13481 - Rev 2
page 17/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com