Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 41Page - STMicroelectronics ST25R3918 Datasheet HTML 42Page - STMicroelectronics ST25R3918 Datasheet HTML 43Page - STMicroelectronics ST25R3918 Datasheet HTML 44Page - STMicroelectronics ST25R3918 Datasheet HTML 45Page - STMicroelectronics ST25R3918 Datasheet HTML 46Page - STMicroelectronics ST25R3918 Datasheet HTML 47Page - STMicroelectronics ST25R3918 Datasheet HTML 48Page - STMicroelectronics ST25R3918 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 142 page
background image
DS13490 Rev 1
45/142
ST25R3918
Application information
141
Writing data to addressable registers (Write mode)
Figure 10 and Figure 11 show cases of writing, respectively, a single byte and multiple bytes
with auto-incrementing address. After the SPI operation mode bits, the address of register to
be written is provided. Then one or more data bytes are transferred from the SPI, always
MSB to LSB. The data byte is written in register on falling edge of its last clock. If the register
on the defined address does not exist or it is a read only register no write is performed.
Table 9. SPI operation modes
Mode
Pattern (communication bits)
Related data
Mode
Trailer
M1 M0 C5 C4 C3 C2 C1 C0
Register write
0
0
A5
A4
A3
A2
A1
A0 Data byte (or more bytes in case of
auto-incrementing)
Register read
0
1
A5
A4
A3
A2
A1
A0
FIFO load
10000
000
One or more bytes of FIFO data
PT_memory load
A-config
10100
000
Passive target memory, locations from 0 on.
PT_memory load
F-config
10101
000
Passive target memory, locations from 15 on.
PT_memory load
TSN data
10101
100
Passive target memory, locations from 36 on.
The additional address allows reload of the
TSN random numbers without rewriting the
whole PT_memory
PT_memory read
10111
111
Passive target memory, locations from 0 on.
A 0 byte is presented to the passive target
memory to support reading at all SPI speeds.
FIFO read
1
0
1
1
1
1
1
One or more bytes of FIFO data
Direct command
1
1
C5 C4C3 C2C1C0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com