Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 12Page - STMicroelectronics ST25R3918 Datasheet HTML 13Page - STMicroelectronics ST25R3918 Datasheet HTML 14Page - STMicroelectronics ST25R3918 Datasheet HTML 15Page - STMicroelectronics ST25R3918 Datasheet HTML 16Page - STMicroelectronics ST25R3918 Datasheet HTML 17Page - STMicroelectronics ST25R3918 Datasheet HTML 18Page - STMicroelectronics ST25R3918 Datasheet HTML 19Page - STMicroelectronics ST25R3918 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 142 page
background image
Description
ST25R3918
16/142
DS13490 Rev 1
2.2.2
Receiver
The receiver detects card modulation superimposed on the 13.56 MHz carrier signal. The
receiver consists of two receive chains that are built from a set of demodulators, followed by
two gain and filtering stages and a final digitizer stage. The demodulators can operate as
AM/PM demodulator or as I/Q demodulator. The filter characteristics can be adjusted to
match the selected RF mode and bit rate to optimize performance (subcarrier frequencies
from 212 to 848 kHz are supported). Apart from the filter stage the receiver incorporates
several other features (AGC, squelch) that enable reliable operation in noisy conditions.
The receiver is connected to the antenna via the pins RFI1 and RFI2. The output of the
receiver is connected to the framing block that decodes the demodulated and digitized
subcarrier signal.
2.2.3
Phase and amplitude detector
The phase detector measures the phase difference between the transmitter output signals
(RFO1 and RFO2) and the receiver input signals (RFI1 and RFI2).
The amplitude detector measures the amplitude of the differential RF carrier signal between
the receiver inputs RFI1 and RFI2. This differential amplitude signal is directly proportional
to the amplitude of the RF signal on the antenna LC tank.
The phase- and amplitude detectors are used for several purposes:
PM demodulation, by observing RFI1 and RFI2 phase variations (LF signal is fed to the
receiver)
Average phase difference between RFOx pins and RFIx pins, to check antenna tuning
Measure amplitude of signal present on pins RFI1 and RFI2, proportional to the
antenna voltage
2.2.4
A/D converter
The ST25R3918 features a built in A/D converter. Its input can be multiplexed from different
sources and it is used for the diagnostic functions and the low power card detection. The
result of the A/D conversion is stored in a register that can be read through the host
interface.
2.2.5
External field detector
This is a low power block used in the passive target mode to detect the presence of an
external RF field. It supports two different external field detection thresholds, namely Peer
detection and Collision avoidance threshold.
The Peer detection threshold is used in the passive peer to peer modes to detect when the
peer device turns on its RF field.
The Collision avoidance threshold is used to detect the presence of an external RF field
during the RF collision avoidance procedure.
2.2.6
Quartz crystal oscillator
The quartz crystal oscillator operates with 27.12 MHz crystals. At start-up the
transconductance of the oscillator is increased to achieve a fast start-up. Since the start-up
time varies with crystal type, temperature and other parameters, the oscillator amplitude is
observed and an interrupt is generated when stable oscillator operation is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com