Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 54Page - STMicroelectronics ST25R3918 Datasheet HTML 55Page - STMicroelectronics ST25R3918 Datasheet HTML 56Page - STMicroelectronics ST25R3918 Datasheet HTML 57Page - STMicroelectronics ST25R3918 Datasheet HTML 58Page - STMicroelectronics ST25R3918 Datasheet HTML 59Page - STMicroelectronics ST25R3918 Datasheet HTML 60Page - STMicroelectronics ST25R3918 Datasheet HTML 61Page - STMicroelectronics ST25R3918 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 142 page
background image
Application information
ST25R3918
58/142
DS13490 Rev 1
4.4.6
Mask receive data and Unmask receive data
The direct command Mask receive data disables processing of the receiver output by the
RX decoders, RSSI measurement, and AGC operation.
The direct command Unmask receive data enables processing of the received data by the
RX decoders, RSSI measurement and AGC operation. A common use of this command is
to re-enable the receiver operation after it was masked by the command Mask receive data.
If the Mask receive timer is still running while the direct command Unmask receive data is
received, reception is enabled, and the Mask receive timer is reset.
In passive target (card emulation) mode, the Unmask receive data command prepares the
RX decoders for a new data reception and clears the internal FDT timer. In passive target
mode, this direct command must be used only if no further transmission from the
ST25R3918 is planned and the device has to wait for the next command to be received.
4.4.7
Change AM modulation state
This command changes the AM modulation state from unmodulated to modulated, and vice
versa. This can be used to measure the AM modulation index with the direct command
Measure amplitude. The command only affects the regulator state and not the resistive
modulation state.
4.4.8
Measure amplitude
This command measures the amplitude of the RF signal on the RFI inputs and stores the
result in the A/D converter output register.
This command enables the transmitter and amplitude detector. The transmitter drives the
antenna, and the amplitude detector converts the differential RF signal received back
between RFI1 and RFI2 into a proportional DC voltage. This DC voltage is converted with
the A/D converter in absolute conversion mode into an 8-bit value and stored in the A/D
converter output register.
The amplitude detector conversion gain is 0.6 VinPP / Vout referenced to the RF signal on a
single RFI pin. Thus, one LSB of the A/D converter output represents 13.02 mVPP on either
of the RFI inputs.
Note:
The maximum allowed voltage level on an RFI pin is 3 VPP. This results in 1.8 V output DC
voltage of the amplitude detector and produces a value of E6h after A/D conversion.
Duration time: 25 μs max.
RF waiting time
TRFW
512
/ fc
n = 0…3 based on nfc_n<1:0> in Auxiliary
definition register
Active guard time
TARFG
75 µs +
NFC field on guard time
s
NFC Field ON guard time defined in the NFC
field on guard timer register.
NFCPIP-1 TARFG requirement:
> 75 µs + NFC field ON guard times (1024 / fc)
Table 12. Timing parameters of NFC field ON commands (continued)
Parameter
Symbol
Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com