Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 25Page - STMicroelectronics ST25R3918 Datasheet HTML 26Page - STMicroelectronics ST25R3918 Datasheet HTML 27Page - STMicroelectronics ST25R3918 Datasheet HTML 28Page - STMicroelectronics ST25R3918 Datasheet HTML 29Page - STMicroelectronics ST25R3918 Datasheet HTML 30Page - STMicroelectronics ST25R3918 Datasheet HTML 31Page - STMicroelectronics ST25R3918 Datasheet HTML 32Page - STMicroelectronics ST25R3918 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 142 page
background image
DS13490 Rev 1
29/142
ST25R3918
Application information
141
Clock extractor
The clock extractor observes the RFI1 and RFI2 differential signal and provides a clock
signal synchronous with the incoming RF field. The extracted clock is used for synchronous
demodulation, for correct frame delay time and for correct data timing during passive
transmission. The clock extractor is active down to 60 mVPP input signal.
4.2.3
Wake-up mode
Asserting the Operation control register bit wu while the other bits are set to 0 puts the
ST25R3918 into the Wake-up mode, used to perform low power detection of card presence.
The ST25R3918 features phase and amplitude measurement for the Wake-up mode. An
integrated low power 32 kHz RC oscillator and register configurable Wake-up timer are used
to schedule periodic detection.
Usually the presence of a card is detected by a so-called polling. In this process the reader
field is periodically turned on and the controller checks whether a card is present using RF
commands. This procedure consumes a lot of energy since reader field has to be turned on
for 5 ms before a command can be issued.
Low power detection of card presence is performed by detecting a change in the reader
environment, produced by a card. When a change is detected, an interrupt is sent to the
controller. As a result, the controller can perform a regular polling loop.
In Wake-up mode the ST25R3918 periodically performs the configured reader environment
measurements and sends an IRQ to the controller when a difference to the configured
reference value is detected.
Card detection
The presence of a card close to the reader antenna coil produces a change of the antenna
LC tank signal phase and amplitude. The reader field activation time needed to perform the
phase or the amplitude measurement is extremely short (~20 μs) compared to the activation
time needed to send a protocol activation command.
The power level during the measurement can be lower than that during normal operation as
the card does not have to be powered to produce a coupling effect. The emitted power can
be reduced by changing the RFO driver resistance.
Registers from 32h to 3Ah are dedicated to Wake-up configuration and display. The Wake-
up timer control register is the main Wake-up mode configuration register. The timeout
period between the successive detections and the measurements which are going to be
used are selected in this register. Timeouts in the range from 10 to 800 ms are available,
100 ms being the default value.
Registers from 33h to 3Ah configure the possible detection measurements and store the
results, four registers are used for each method.
An IRQ is sent when the difference between a measured value and reference value is larger
than configured threshold value. There are two possibilities how to define the reference
value:
the ST25R3918 can calculate the reference based on previous measurements
(auto-averaging)
the controller determines the reference and stores it in a register.
The first register in the series of four is the Amplitude measurement configuration register.
The difference to reference which triggers the IRQ, the method of reference value definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com