Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 49Page - STMicroelectronics ST25R3918 Datasheet HTML 50Page - STMicroelectronics ST25R3918 Datasheet HTML 51Page - STMicroelectronics ST25R3918 Datasheet HTML 52Page - STMicroelectronics ST25R3918 Datasheet HTML 53Page - STMicroelectronics ST25R3918 Datasheet HTML 54Page - STMicroelectronics ST25R3918 Datasheet HTML 55Page - STMicroelectronics ST25R3918 Datasheet HTML 56Page - STMicroelectronics ST25R3918 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 142 page
background image
DS13490 Rev 1
53/142
ST25R3918
Application information
141
I2C: master reads slave immediately after the first byte
If the I2C master omits the mode byte and reads the ST25R3918 immediately after the slave
address, then, as shown in Figure 24, it will first output the byte FFh, followed by a register
dump starting at addres 01h.
This mode is incorporated for an easier the detection of I2C devices, but is not intended to
be used in normal operation.
Figure 24. I2C master reads slave immediately after the first byte
S
Slave address R
A Data FFh A
Data register 01h
A ...
Data register n
N P
Legend: S: Start, A: ACK, N: NAK, P: Stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com