Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 36Page - STMicroelectronics ST25R3918 Datasheet HTML 37Page - STMicroelectronics ST25R3918 Datasheet HTML 38Page - STMicroelectronics ST25R3918 Datasheet HTML 39Page - STMicroelectronics ST25R3918 Datasheet HTML 40Page - STMicroelectronics ST25R3918 Datasheet HTML 41Page - STMicroelectronics ST25R3918 Datasheet HTML 42Page - STMicroelectronics ST25R3918 Datasheet HTML 43Page - STMicroelectronics ST25R3918 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 142 page
background image
Application information
ST25R3918
40/142
DS13490 Rev 1
Passive target
Communication can be performed by the host (through FIFO) or also by using automatic
responses as referred in Passive target definition register.
These automatic responses include for NFC-A the complete anti-collision including SAK.
Handling of RATS and HLTA is up to the host. For NFC-F only the SENSF_REQ is handled
by sending SENSF_RES.
States of NFC-A can be handled by observing Passive target display register and Passive
target interrupt register bits I_wu_a, I_wu_a*. Direct commands Go to sense and Go to
sleep let the host influence the passive target states.
Responses to SENSF_REQ can be observed by thanks to bit I_wu_f.
The content of the automatic responses is defined by content of PT_Memory.
Bit rate detection mode
The Listen mode can also be started from the so-called Bit rate detection mode. In this
mode the communication mode is not fixed. This mode is activated in case of Target mode
together with bit om3 set to 1.
The other om bits define the technologies to be recognized. It is an extension of the Fixed
listen communication mode.
Once the reception of the first frame starts, the Bit rate detection mode signals an IRQ I_nfct
indicating that the bit rate has been identified and the host can retrieve the related
information by reading nfc_rate on Bit rate definition register.
When the first frame has been fully received, the host can exit the Bit rate detection mode
by setting the corresponding mode on om<3:0> bits in the Mode definition register to the
corresponding fixed listen communication mode.
Bit d_ac_ap2p allows filtering of NFCIP-1 active frames.
Low power field detection
The Fixed listen communication and Bit rate detection modes can be enhanced in terms of
power consumption by using the field detector in Low-power mode, putting the ST25R3918
in power-down mode (en = 0) while waiting for an external field from a peer/reader.
For this mode the Bit rate detection mode or the Fixed listen communication mode have to
be selected, and bits en, rx_en and tx_en in the Operation control register need to be
cleared to 0.
In this mode the field detector has to be configured to automatic or manual peer detection
threshold.
On detection of external field (I_eon) the ST25R3918 temporarily enable the oscillator and
the receiver. The host needs to confirm it by setting en and rx_en option bits in the
Operation control register within 10 ms.
From this point on normal bit rate detection or normal target communication can be
performed.
PT memory
The PT_Memory is used to store data for NFCIP-1 passive target and NFC-A card/listen
mode. It is loaded via the host interface as described in Section 4.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com