Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 16Page - STMicroelectronics ST25R3918 Datasheet HTML 17Page - STMicroelectronics ST25R3918 Datasheet HTML 18Page - STMicroelectronics ST25R3918 Datasheet HTML 19Page - STMicroelectronics ST25R3918 Datasheet HTML 20Page - STMicroelectronics ST25R3918 Datasheet HTML 21Page - STMicroelectronics ST25R3918 Datasheet HTML 22Page - STMicroelectronics ST25R3918 Datasheet HTML 23Page - STMicroelectronics ST25R3918 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 142 page
background image
Pin and signal description
ST25R3918
20/142
DS13490 Rev 1
17
EXT_LM
AO
External load modulation MOS gate driver
18
NC
-
Do not connect
19
NC
-
Do not connect
20
I2C_EN
DI
I2C interface enable
21
VSS
P
Ground, die substrate potential
22
RFI1
AI
Receiver input
23
RFI2
AI
Receiver input
24
AGDC
AIO
Analog reference voltage
25
NC
-
Do not connect
26
GND_A
P
Analog ground
27
IRQ
DO
Interrupt request output
28
MCU_CLK
DO
Clock output for MCU
29
BSS
DI
SPI enable (active low)
30
SCLK
DI
SPI clock / I2C clock
31
MOSI
DI
SPI data input
32
MISO
DO_T
Serial peripheral interface data output / I2C data line
33
NA
P
Thermal pad
1. P: Power supply pin
AIO: analog I/O, AI: analog input, AO: analog output
DI: digital input, DIPD: digital input with pull-down, DO: digital output, DO_T: digital output/tri-state, DIO:
digital bidirectional.
Table 1. ST25R3918 - VFQFPN32 pin assignment (continued)
VFQFPN32
Name
Type(1)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com