Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 28Page - STMicroelectronics ST25R3918 Datasheet HTML 29Page - STMicroelectronics ST25R3918 Datasheet HTML 30Page - STMicroelectronics ST25R3918 Datasheet HTML 31Page - STMicroelectronics ST25R3918 Datasheet HTML 32Page - STMicroelectronics ST25R3918 Datasheet HTML 33Page - STMicroelectronics ST25R3918 Datasheet HTML 34Page - STMicroelectronics ST25R3918 Datasheet HTML 35Page - STMicroelectronics ST25R3918 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 142 page
background image
Application information
ST25R3918
32/142
DS13490 Rev 1
independent from whether or not a tag reply was detected. When a tag reply is being
processed during a timeout, no other action is taken and the reply is normally received.
In the opposite case, when no tag response is being processed, the receiver is
disabled.
The NRT can also be started using direct command Start No-response timer. The intention
of this command is to extend the No-response timer timeout beyond the range defined in the
No-response timer control registers. If this command is sent while the timer is running, it is
reset and restarted.
The NRT can be terminated using direct command Stop No-response Timer or Stop all
activities. The timer is terminated and no IRQ is sent. It is expected to be used in the
nrt_emv mode, when the incoming reception does not stop the No-response timer.
In the Passive target mode the No-response timer has no task and is not automatically
started.
General purpose (GP) timer
The triggering of the this timer is configured by setting the Timer and EMV control register. It
can be used to survey the duration of reception process (triggering by start of reception,
after SOF) or to time out the PCD to PICC response time (triggered by end of reception,
after EOF).
The GP timer can also be started by sending the direct command Start General purpose
timer. If this command is sent while the timer is running, it is reset and restarted.
Wake-up (WU) timer
This timer is primarily used in the Wake-up mode, it can be used by sending the direct
command Start Wake-up Timer. This command is accepted in any operation mode except
Wake-up mode. When this command is sent the RC oscillator, which is used as clock
source for wake-up timer is started, timeout is defined by setting the Wake-up timer control
register. When the timer expires, an IRQ with the I_wt flag in the Error and wake-up interrupt
register is sent.
The WU timer is used in the Power-down mode, in which other timers cannot be used
because the crystal oscillator, which is the clock source for the other timers, is not running.
Note that the tolerance of wake-up timer timeout is defined by tolerance of the RC oscillator.
In low-power bit-rate detection mode the WU timer is used for time out the temporary device
enable after the initial peer field on was detected.
4.2.6
A/D converter
The ST25R3918 contains an 8-bit successive approximation A/D converter. Inputs can be
multiplexed from different sources to be used in several direct commands and adjustment
procedures. The result of the last conversion is stored in the A/D converter output register.
Typical conversion time is 224/fc (16.5 µs).
The A/D converter has two operating modes, absolute and relative.
In absolute mode the low reference is 0 V and the high reference is 2 V. This means
that A/D converter input range is from 0 to 2V, 00h code means input is 0 V or lower,
FFh means that input is 2 V - 1 LSB or higher, LSB being 7.8125 mV.
In relative mode low reference is 1/11 of VDD_A and high reference is 10/11 of VDD_A,
so the input range is from 1/11 VDD_A to 10/11 VDD_A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com