Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 13Page - STMicroelectronics ST25R3918 Datasheet HTML 14Page - STMicroelectronics ST25R3918 Datasheet HTML 15Page - STMicroelectronics ST25R3918 Datasheet HTML 16Page - STMicroelectronics ST25R3918 Datasheet HTML 17Page - STMicroelectronics ST25R3918 Datasheet HTML 18Page - STMicroelectronics ST25R3918 Datasheet HTML 19Page - STMicroelectronics ST25R3918 Datasheet HTML 20Page - STMicroelectronics ST25R3918 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 142 page
background image
DS13490 Rev 1
17/142
ST25R3918
Description
141
The oscillator block also provides a clock signal to the external microcontroller (MCU_CLK),
according to the settings in the IO configuration register 1.
2.2.7
Power supply regulators
The integrated power supply regulators ensures a high power supply rejection ratio (PSRR)
for the complete system.
Three voltage regulators, one for the analog block, one for the digital block, and one for the
RF output drivers, are available to decouple noise sources from the ST25R3918. A fourth
voltage regulator generates the reference voltage for the analog receivers (AGDC, analog
ground).
The RF output driver voltage regulator can be configured automatically by the ST25R3918
based on the systems power supply stability and RF output power (see Section 4.4.10:
Adjust regulators for more details).
2.2.8
POR and bias
This block provides bias currents and reference voltages to all other blocks. It also
incorporates a Power on Reset (POR) circuit that provides a reset at power-up and at low
supply levels.
2.2.9
RC oscillator and Wake-up timer
The ST25R3918 include several possibilities for low power detection of a card presence
(phase measurement, amplitude measurement). The RC oscillator and the register
configurable Wake-up timer are used to periodically trigger the card presence detection in
the low power card detection modes.
2.2.10
TX encoding
This block encodes the transmit frames according to the selected RF mode and bit rate. The
SOF (start of frame), EOF (end of frame), CRC and parity bits are generated automatically.
The data to transmit are taken from the FIFO.
In Stream mode the framing is bypassed. The FIFO data directly defines the modulation
data sent to the transmitter.
In Transparent mode, the framing and FIFO are bypassed, and the MOSI pin directly drives
the modulation of the transmitter.
2.2.11
RX decoding
This block decodes received frames according to the selected RF mode and bitrate. The
SOF (start of frame), EOF (end of frame), CRC and parity bits are automatically checked, all
of them (except the CRC bit) are removed by this block. The received data is written to the
FIFO.
In Stream mode the framing is bypassed. The digitized subcarrier signal is directly stored in
the FIFO.
In Transparent mode the framing and FIFO are bypassed. The digitized subcarrier signal
directly drives the MISO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com