Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 79Page - STMicroelectronics ST25R3918 Datasheet HTML 80Page - STMicroelectronics ST25R3918 Datasheet HTML 81Page - STMicroelectronics ST25R3918 Datasheet HTML 82Page - STMicroelectronics ST25R3918 Datasheet HTML 83Page - STMicroelectronics ST25R3918 Datasheet HTML 84Page - STMicroelectronics ST25R3918 Datasheet HTML 85Page - STMicroelectronics ST25R3918 Datasheet HTML 86Page - STMicroelectronics ST25R3918 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 142 page
background image
DS13490 Rev 1
83/142
ST25R3918
Application information
141
4.5.21
Mask receive timer register
Register space: A
Address: 0Fh
Type: RW
Table 44. Mask receive timer register
Bit
Name
Default
Function
Comments
7
mrt7
0
mrt_step = 0:
Step: 64 / fc (4.72 μs)
Range: 256 / fc (~18.88 μs) to
16320 / fc (~1.2 ms)
mrt_step = 1:
Step: 512 / fc (37.78 μs)
Range: 2048 / fc (151 μs) to
130560 / fc (9.62 ms)
Set time after end of TX during which the
receiver output is ignored (masked).
The minimum mask receive time of 18.88 μs
covers the transients in receiver after end of
transmission.
6
mrt6
0
5
mrt5
0
4
mrt4
0
3
mrt3
1
2
mrt2
0
1
mrt1
0
0
mrt0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com