Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 48Page - STMicroelectronics ST25R3918 Datasheet HTML 49Page - STMicroelectronics ST25R3918 Datasheet HTML 50Page - STMicroelectronics ST25R3918 Datasheet HTML 51Page - STMicroelectronics ST25R3918 Datasheet HTML 52Page - STMicroelectronics ST25R3918 Datasheet HTML 53Page - STMicroelectronics ST25R3918 Datasheet HTML 54Page - STMicroelectronics ST25R3918 Datasheet HTML 55Page - STMicroelectronics ST25R3918 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 142 page
background image
Application information
ST25R3918
52/142
DS13490 Rev 1
Direct command mode
After the I2C slave address the mode byte to trigger a direct command is sent. As for SPI
some direct commands take some time to execute and no I2C access to the ST25R3918
must be performed until the execution of the direct command is completed. All such direct
commands send an interrupt upon completion to notify the MCU that the I2C bus can be
used again.
Figure 22. Sending a direct command
I2C access to register space-B
To access the register space-B, byte FBh has to be inserted between the I2C slave address
and the register read or write mode byte. Access to register space-B remains active until an
I2C Stop Condition is received.
I2C: transition to and termination of the Transparent mode
When the transparent mode command is received via I2C, the chip interface lines are
switched to the Analogue front end as described in Section 4.4.13: Transparent mode.
Once in transparent mode the BSS signal is used to distinguish between I2C
communication and transparent mode data as follows:
1.
the BSS line must be set high before entering the transparent mode, and then kept high
during the Transparent mode
2.
the Transparent mode is terminated when the BSS line is set to low, followed by at
least one SCL clock pulse
3.
after the termination of the transparent mode the I2C interface can be used again.
MS51658V1
SCL
SDA
A
6
A
5
A
4
A
3
A
2
A
1
A
0
C
5
C
4
C
3
C
2
C
1
A
C
K
P
S
Slave address
C
0
A
C
K
Direct command byte
11
Figure 23. Read and Write mode for register space-B access
Write to register space B
S
Slave
address W
AFBh
Register
address
A Data 0 A Data 1 A
...
Data N
A
P
Read from register space B
S
Slave
address W
AFBh
Register
address
ASr
Slave
address R
A Data 0
A
Data 1 A
...
Data N N P
Legend: S: Start, Sr: repeated Start, A: ACK, N: NAK, P: Stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com