Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 30Page - STMicroelectronics ST25R3918 Datasheet HTML 31Page - STMicroelectronics ST25R3918 Datasheet HTML 32Page - STMicroelectronics ST25R3918 Datasheet HTML 33Page - STMicroelectronics ST25R3918 Datasheet HTML 34Page - STMicroelectronics ST25R3918 Datasheet HTML 35Page - STMicroelectronics ST25R3918 Datasheet HTML 36Page - STMicroelectronics ST25R3918 Datasheet HTML 37Page - STMicroelectronics ST25R3918 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 142 page
background image
Application information
ST25R3918
34/142
DS13490 Rev 1
Figure 7. Phase detector inputs and output in case of 135º phase shift
Amplitude detector
Signals from pins RFI1 and RFI2 are used as inputs to the self-mixing stage. The output of
this stage is a DC voltage proportional to the amplitude of signals on pins RFI1 and RFI2.
During execution of direct command Measure amplitude this output is multiplexed to the A/D
converter input.
4.2.8
External field detector
This block is used to detect the presence of an external device generating an RF field. It is
used in Passive target modes. It is enabled by en_fd_c<1:0> option bits. The external field
detector supports two different detection thresholds, namely Peer detection and Collision
avoidance. The two thresholds can be independently set by writing the External field
detector activation threshold register. The actual state of the detector output can be
checked by reading the Auxiliary display register. Input to this block is the signal from the
RFI1 pin.
For both thresholds there is a possibility to separately set the activation and deactivation
levels.
If the External field level is not detected yet, the Activation threshold is used. If the External
field level is detected, the Deactivation threshold is used.
The Activation threshold must be set higher than or equal to the Deactivation threshold.
If the Activation is higher than the Deactivation, the hysteresis is given by the difference
between the two levels.
If the Activation and Deactivation levels are equal, there is no the hysteresis in the system
and multiple field-on/off events can verify if the actual field level persists in proximity of the
selected threshold.
Peer detection threshold
This threshold is used to detect the field emitted by peer NFC device with whom NFC
communication is going on. It can be selected in the range from 75 to 800 mVPP. When this
threshold is enabled the detector is in low power mode. An interrupt is generated when an
external field is detected and also when it is switched off. With such implementation it can
also be used to detect the moment when the external field disappears. This can be used to
MS42427V1
VSP_A
VSP_A
VSP_A
0
VSP_A/2
0
0
Input 1
Input 2
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com