Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 29Page - STMicroelectronics ST25R3918 Datasheet HTML 30Page - STMicroelectronics ST25R3918 Datasheet HTML 31Page - STMicroelectronics ST25R3918 Datasheet HTML 32Page - STMicroelectronics ST25R3918 Datasheet HTML 33Page - STMicroelectronics ST25R3918 Datasheet HTML 34Page - STMicroelectronics ST25R3918 Datasheet HTML 35Page - STMicroelectronics ST25R3918 Datasheet HTML 36Page - STMicroelectronics ST25R3918 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 142 page
background image
DS13490 Rev 1
33/142
ST25R3918
Application information
141
Relative mode is only used in phase measurement (phase detector output is proportional to
power supply). In all other cases absolute mode is used.
4.2.7
Phase and amplitude detector
This block is used to provide inputs to the A/D converter to perform measurements of
amplitude and phase, expected by direct commands Measure amplitude and Measure
phase.
Phase detector
The phase detector observes phase difference between the transmitter output signals
(RFO1 and RFO2) and the receiver input signals RFI1 and RFI2, proportional to the signal
on the antenna LC tank. These signals are first passed by digitizing comparators. Digitized
signals are processed by a phase detector with a strong low-pass filter characteristics to get
the average phase difference. The phase detector output is inversely proportional to the
phase difference between the two inputs. The 90° phase shift results in VDD_A/2 output
voltage, if both inputs are in phase the output voltage is VDD_A, if they are in opposite phase
the output voltage is 0 V. During execution of direct command Measure phase this output is
multiplexed to the A/D converter input (A/D converter is in relative mode during the
execution of this command). Since the A/D converter range is from 1/11 VDD_A to 10/11
VDD_A the actual phase detector range is from 17º to 163º. Figure 6 and Figure 7 show the
two inputs and output of phase detector in case of 90º and 135º phase shift, respectively.
Figure 6. Phase detector inputs and output in case of 90º phase shift
MS42426V1
VSP_A
VSP_A
VSP_A
0
VSP_A/2
0
0
Input 1
Input 2
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com