Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3307 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FUSB3307
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307 Datasheet(HTML) 4 Page - ON Semiconductor

  FUSB3307 Datasheet HTML 1Page - ON Semiconductor FUSB3307 Datasheet HTML 2Page - ON Semiconductor FUSB3307 Datasheet HTML 3Page - ON Semiconductor FUSB3307 Datasheet HTML 4Page - ON Semiconductor FUSB3307 Datasheet HTML 5Page - ON Semiconductor FUSB3307 Datasheet HTML 6Page - ON Semiconductor FUSB3307 Datasheet HTML 7Page - ON Semiconductor FUSB3307 Datasheet HTML 8Page - ON Semiconductor FUSB3307 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
FUSB3307
www.onsemi.com
4
Figure 3. Block Diagram
Cable Drop
Compensation
Option
VCVR
VCCR
vdd
VIN−1:10
IFB
NTC
VFB
GND
VDD
CATH
VCOMR
BMC
DRIVER
CDR
CRC32
Tx
CRC32
Rx
4B5B
4B5B
BMC
Encode
BMC
Decode
Protocol
(+Timers)
PD
Osc.
CC1
CC2
vdd
1.1V REG
Policy
Engine
(+Timers)
LF
Osc.
Trim
Band
Gap
IS+
IS−
vdd
GATE
VCC
DISC
Gate Driver
vdd
vdd
Analog to Digital
Converter
OVP/UVP/
OCP
VCS−AMP VCOMR
Protection
vdd
Discharge
VCS−AMP
V IN−ON
/
V IN−OFF
VCS−AMP
RESET
FAULT
Protection
Protection
Block
FAULT
Protection
vdd
9R
R
X AVCCR
VCS−AMP
V IN−1:10
Internal temp.
D+/PDIV1
Resistor
Divider / BC 1.2
Option
PDIV2
FAULT
PDIV1
D−/PDIV0
PDIV0
PDIV0
PDIV1
Device
(DPM)
Policy
Manager
State
Machine
CC State Machine &
Comparators
Trigger
_BLD
S
Figure 4. Pin Diagrams
GND
N/C
CC1
GND
VCC
N/C
CATH
D−/PDIV0
20 19 18 17
13
14
15
4
3
2
1
6
7
8
9
FUSB3307
QFN
Top View
GND
16
DISC
CC2 5
10
12
11
GND
N/C
CC1
GND
VCC
N/C
CATH
D−/PDIV0
20
19
18
17
13
14
15
4
3
2
1
6
7
8
9
FUSB3307
QFN
Bottom View
GND
16
DISC
CC2
5
10
12
11
GND
VDD
CATH
GATE
IFB
IS+
IS−
VFB
FUSB3307
SOIC
Top View
2
1
VCC
CC1
CC2
3
4
5
6
7
13
12
11
10
9
8
14
D+/PDIV1
D−/PDIV0
DISC
GND
VDD
CATH
GATE
IFB
IS+
IS−
VFB
FUSB3307
SOIC
Bottom View
2
1
VCC
CC1
CC2
3
4
5
6
7
13
12
11
10
9
8
14
D+/PDIV1
D−/PDIV0
DISC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com