Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3307 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FUSB3307
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307 Datasheet(HTML) 1 Page - ON Semiconductor

  FUSB3307 Datasheet HTML 1Page - ON Semiconductor FUSB3307 Datasheet HTML 2Page - ON Semiconductor FUSB3307 Datasheet HTML 3Page - ON Semiconductor FUSB3307 Datasheet HTML 4Page - ON Semiconductor FUSB3307 Datasheet HTML 5Page - ON Semiconductor FUSB3307 Datasheet HTML 6Page - ON Semiconductor FUSB3307 Datasheet HTML 7Page - ON Semiconductor FUSB3307 Datasheet HTML 8Page - ON Semiconductor FUSB3307 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© Semiconductor Components Industries, LLC, 2018
July, 2020 − Rev. 0
1
Publication Order Number:
FUSB3307/D
USB Power Delivery 3.0
Adaptive Source Charging
Controller
FUSB3307
FUSB3307 is a highly integrated USB Power Delivery (PD) power
source controller that can control a DC−DC port power regulator or the
opto−coupler in the secondary side of an AC−DC adapter. It
implements the Source finite state machines of USB Power Delivery
3.0 (PD 3.0) and Type−C
™ which includes Programmable Power
Supplies (PPS). In order to meet the PPS specification, FUSB3307
supports minimum 3.3 V and maximum 21 V output voltage control.
It includes Constant Voltage (CV) and Constant Current Limit (CL)
control blocks. The references are supported from internal D/A
converters.
FUSB3307 supports various protections, Under Voltage Protection
(UVP), Over Voltage Protection(OVP), Over Current Protection
(OCP), CC1 and CC2 Over Voltage Protection (CC_OVP), VCONN
Over Current Protection (VCONN_OCP), and internal and external
Over Temperature protection (I_OTP and E_OTP). With a 10−bit A/D
converter, output voltage, output current, IC internal temperature and
external temperature via an NTC resistor can be monitored.
FUSB3307 is capable of controlling a single or back−to−back
N−Channel MOSFETs as a load switch, which results in a lower cost
and easier design.
Features
PD 3.0 v2.0 and Type−C 2.0 Compliant
Constant Voltage (CV) and Constant Current Limit (CL) Regulation
Small Current Sensing Resistor (5 mW) for High Efficiency
Gate Driver for N−Channel MOSFET as a Load Switch
CC1/CC2 Pin Protection up to 26 V
Selectable Resistor Divider or Battery Charging (BC1.2) Modes
Built−in Output Capacitor Discharging Resistance
Adaptive UVP, Adaptive OVP, I_OTP, E_OTP, CC_OVP and
VCONN_OCP Fault Detection
14−pin SOIC and 20−pin QFN Packages Available
Applications
Wall Chargers for Tablet PC’s and Laptop Batteries
AC−DC PD 3.0 Compliant Adapters
DC−DC Car Chargers for Individual Port Power Control
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
SOIC−14 NB
CASE 751A−03
See detailed ordering and shipping information on page 5 of
this data sheet.
ORDERING INFORMATION
GENERIC MARKING DIAGRAMS
www.onsemi.com
1
14
FUSB3307D6MX
AWLYWW
1
14
FUSB3307D6MX = Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G
= Pb−Free Package
PIN DESCRIPTION
QFNW20 4x4, 0.5P
CASE 484AT
(In Development)
See detailed pin description information on page 5 of this
data sheet.
3307
D6x
ALYWG
G
(Note: Microdot may be in either location)


Similar Part No. - FUSB3307

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB3307MPX-PPS-GEVB ONSEMI-FUSB3307MPX-PPS-GEVB Datasheet
5Mb / 24P
USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
January, 2020 ??Rev. 0
FUSB3307MX-PPS-GEVB ONSEMI-FUSB3307MX-PPS-GEVB Datasheet
5Mb / 24P
USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
January, 2020 ??Rev. 0
More results

Similar Description - FUSB3307

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
Dialog Semiconductor
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
USB Power Delivery 3.0 Controller
IW657P DIALOG-IW657P Datasheet
611Kb / 9P
USB Power Delivery 3.0 Controller with Integrated Current Sense
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
USB Power Delivery Controller
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
USB Power Delivery Controller
logo
Microchip Technology
UPD301B MICROCHIP-UPD301B Datasheet
1Mb / 45P
Stand-alone USB Type-C??Power Delivery 3.0 Controller
05/14/19
logo
ON Semiconductor
FUSB3317 ONSEMI-FUSB3317 Datasheet
495Kb / 16P
Automotive USB Power Delivery Source Controller for USB-C
May, 2022-Rev. 0
logo
Microchip Technology
UPD301A MICROCHIP-UPD301A Datasheet
801Kb / 40P
Stand-alone USB Type-C™ Power Delivery 3.0 Controller
11-29-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com