Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3307 Datasheet(PDF) 16 Page - ON Semiconductor

Part # FUSB3307
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button FUSB3307 Datasheet HTML 12Page - ON Semiconductor FUSB3307 Datasheet HTML 13Page - ON Semiconductor FUSB3307 Datasheet HTML 14Page - ON Semiconductor FUSB3307 Datasheet HTML 15Page - ON Semiconductor FUSB3307 Datasheet HTML 16Page - ON Semiconductor FUSB3307 Datasheet HTML 17Page - ON Semiconductor FUSB3307 Datasheet HTML 18Page - ON Semiconductor FUSB3307 Datasheet HTML 19Page - ON Semiconductor FUSB3307 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
FUSB3307
www.onsemi.com
16
When a Sink device is connected via the USB−C
connector, as mentioned above, the FUSB3307 will detect
a legitimate Type C attach and drive the GATE pin to turn on
the VBUS load switch Q1. The initial voltage on VBUS is
always 5 V (4.75 V to 5.5 V voltage range) and the CC pin
will advertise 3 A capability which is the maximum power
allowed by a Type C (without PD) port. FUSB3307 is not
expected to be used below 15 W power level since
ON Semiconductor has other Type C only controllers such
as the FUSB303. Subsequent to the initial attach, the
FUSB3307 will send out PD packets to advertise source
capabilities as selected by the trim options in Table 6. Using
the Default FUSB3307 Trim options, the FUSB3307 will
source 60 W by sending out a PD Source_Capabilities
message on the CC line (either CC1 or CC2 depending on
connector plug orientation) using PD communication
messages. The supplies advertised for the default trim option
are fixed supplies and PPS supplies shown in Table 7:
Table 7. DEFAULT TRIM OPTION ADVERTISED PD SOURCE CAPABILITIES
[Augmented] Power Data Object
Output Voltage
Maximum Sink Current Expected
Current Protection
PDO1
5 V
3 A
Over Current Protection
PDO2
9 V
3 A
Over Current Protection
PDO3
12 V
3 A
Over Current Protection
PDO4
15 V
3 A
Over Current Protection
PDO5
20 V
3 A
Over Current Protection
APDO1
3.3 V min, 21 V max
3 A
Current Limit Protection
The Sink will select one of these offerings and enter into
a PD explicit contract with the FUSB3307 which is the first
step of all subsequent PD communication. If the Sink selects
an illegal data object number or requests an illegal current
level, the FUSB3307 will reject the request. A short amount
of time after this reject message is sent, the FUSB3307 will
resend its Source_Capabilties message and expect a valid
request.
If a 5 A capability is chosen from the trim table (Table 6)
above then the FUSB3307 will use USB PD Discover
Identity messages to interrogate the capabilities of the cable
attached to it to ensure that it is a 5 A capable cable before
the FUSB3307 advertises 5 A source capabilities. The
FUSB3307 supplies the VCONN power needed to support
this discovery process as specified in the USB PD and
Type C specification which eliminates the need for an
external VCONN power source and multiple power
switches. If the cable is only 3 A, even though the
FUSB3307 can support 5 A, the advertised capabilities will
all drop down to 3 A. This will be done on the first source
capabilities advertised but there is an indication in the USB
PD Status message sent to indicate that the source is 5 A
capable but the cable has limited the source capabilities to
3 A. In Table 8 the section of the SOP Status Data Block
(SDB) is shown that communicates this power limitation.
Table 8. PD Status Message to Sink Showing Power is
Limited by the Cable
Offset
Field
Bit
Description
5
Power
Status
0
...
1
Source power limited due to
cable supported current
2
...
6...7
...
The FUSB3307 follows all USB PD specifications
including dropping down to USB PD 2.0 operation when it
detects a USB PD 2.0 Sink and a USB PD 2.0 cable eMarker
(if applicable). All subsequent operation will follow the
USB PD 2.0 specification until the FUSB3307 is reset via a
Hard Reset message or undergoes a power cycle.
Standby Operation
When the FUSB3307 is in standby, where the source
power supply still has to be maintained at 5 V via the CATH
pin for a typical Type C connection but no Sink device has
been attached to the FUSB3307, then the current consumed
is just ICC−GREEN ( < 870
mA typical). This low standby
current allows for all the energy standard specifications to be
well exceeded for offline designs (typically the FUSB3307
within the offline design can achieve 21 mW standby
power).
PDIV0, PDIV1 and PDIV2 Options
FUSB3307 can adjust the output power from the trim
table (Table 6) to have any PDP (Power Delivery Power)
from 16 W to 100 W (called TrimPDP here) in 1 W
increments. However, in some applications in may be
advantageous to trim all FUSB3307 devices to 60 W PDP
and use them in both single port and dual port
configurations. For the dual port configuration, the PDP
would need to be halved for assured capacity charger ports
and PDIV2 pin does just that – cuts the trimmed 60 W PDP
in half to 30 W. For further divider ratios, PDIV1 and PDIV0
can be used as well.
PDIV2 is available only in the QFN version of the
FUSB3307 while PDIV0 and PDIV1 share their
functionality with the D− and D+ pins respectively in both
the QFN and SOIC package options. For the PDIV2 pin, the
selection of power is shown in Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com