Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3307 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FUSB3307
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FUSB3307 Datasheet HTML 2Page - ON Semiconductor FUSB3307 Datasheet HTML 3Page - ON Semiconductor FUSB3307 Datasheet HTML 4Page - ON Semiconductor FUSB3307 Datasheet HTML 5Page - ON Semiconductor FUSB3307 Datasheet HTML 6Page - ON Semiconductor FUSB3307 Datasheet HTML 7Page - ON Semiconductor FUSB3307 Datasheet HTML 8Page - ON Semiconductor FUSB3307 Datasheet HTML 9Page - ON Semiconductor FUSB3307 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
FUSB3307
www.onsemi.com
6
Table 1. MAXIMUM RATINGS (Notes 1, 2)
Rating
Symbol
Value
Unit
VCC, CATH, DISC, CC1, CC2 Pin Voltage
VCC
−0.3 to 26
V
GATE Pin Voltage
VGATE
−0.3 to 30
V
IFB, VFB, IS+, IS−, NTC, D+/PDIV1, D−/PDIV0, PDIV2 Pin Voltage
VI/O
−0.3 to 6
V
VDD Pin Voltage
VDD
−0.3 to 6
V
Power Dissipation (TA = 25°C)
PD
1.5
W
Operating Junction Temperature
TJ
−40 to 150
°C
Storage Temperature Range
TSTG
−40 to 150
°C
Lead Temperature, (Soldering, 10 Seconds)
TL
260
°C
Human Body Model, ANSI/ESDA/JEDEC JS−001−2012 (Note 3)
ESDHBM
2
kV
Charged Device Model, JESD22−C101 (Note 3)
ESDCDM
0.5
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. All voltage values, except differential voltages, are given with respect to the GND pin.
2. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
3. Meets JEDEC standards JS−001−2012 and JESD 22−C101.
Table 2. THERMAL CHARACTERISTICS (Note 4)
Rating
Symbol
Value
Unit
Thermal Characteristics,
Thermal Resistance, Junction−to−Air, SOIC14
Thermal Reference, Junction−to−Top, SOIC14
Thermal Resistance, Junction−to−Air, QFNW20
Thermal Reference, Junction−to−Top, QFNW20
RqJA
RqJT
RqJA
RqJT
75
41.6
36.1
2.3
°C/W
4. TA=25°C unless otherwise specified with JEDEC 2S2P board with no thermal vias.
Table 3. RECOMMENDED OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Input Voltage
VCC
3.3 − 5%
21 + 5%
V
Output Current Through Load Switch
IOUT
5
A
Adjustable Type−C Connector VBUS Output Voltage
VBUS
3.3 − 5%
21 + 5%
V
Ambient Temperature
TA
−40
85 (Commercial)
105 (Automotive)
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
Table 4. ELECTRICAL CHARACTERISTICS VCC = 5 V, TJ = −40°C to 125°C unless otherwise specified.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
VDD SECTION
VDD Operating Voltage at VCC = 20 V
VCC = 20 V, IVDD = 0 mA
VDD
4.75
5.2
5.5
V
VDD Source Current
VCC = 3.3 V, VDD = 2.9 V
IDD
10
mA
VCC SECTION
Continuous Operating Voltage (Note 5)
VCC−OP
21 + 5%
V
Operating Supply Current at 5 V
VCC = 5 V, sense resistor voltage dif-
ference (VCS) = 25 mV, sense resistor
(RCS) = 5 mW
ICC−OP−5V
2.4
mA
Operating Supply Current at 20 V
VCC = 20 V, VCS = 25 mV, Rcs = 5 mW ICC−OP−20V
3.1
mA
Turn−On Threshold Voltage
VCC increasing
VCC−ON
2.9
3.2
3.4
V
Turn−Off Threshold Voltage
VCC decreasing after VCC w VCC−ON
VCC−OFF
2.80
2.87
3.10
V
Turn−Off to Turn−On Hysteresis
VCC decreasing after VCC w VCC−ON VCC−OFF_HYS
100
260
360
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com