Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3307 Datasheet(PDF) 19 Page - ON Semiconductor

Part # FUSB3307
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button FUSB3307 Datasheet HTML 13Page - ON Semiconductor FUSB3307 Datasheet HTML 14Page - ON Semiconductor FUSB3307 Datasheet HTML 15Page - ON Semiconductor FUSB3307 Datasheet HTML 16Page - ON Semiconductor FUSB3307 Datasheet HTML 17Page - ON Semiconductor FUSB3307 Datasheet HTML 18Page - ON Semiconductor FUSB3307 Datasheet HTML 19Page - ON Semiconductor FUSB3307 Datasheet HTML 20Page - ON Semiconductor FUSB3307 Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
FUSB3307
www.onsemi.com
19
NTC
CATH
Analog to Digital
Converter
OVP/UVP/
OCP
V CS−AMP V COMR
Protection
vdd
FAULT
VCS−AMP
VIN−1:10
Internal temp.
Protection
Block
VCC
9R
R
VIN−1:10
Figure 14. Protection Section of Block Diagram for UVP, OVP, OCP, and OTP Faults
This NTC measured temperature is useful for dynamic
monitoring by the Sink via FUSB3307 provided PD Status
messages which contains this NTC temperature in this
package option. If this temperature exceeds a warning
threshold (100
°C for a NTC resistor of 100 kW ± 1%, B25/50
= 4300K
± 1% to ground in parallel with a 20 kW ± 1% to
ground) for tNTC−DEB debounce time, then a PD Alert
message is sent to the Sink indicating this temperature
warning. If however, the E_OTP threshold is exceeded
(110
°C for a NTC resistor of 100 kW ± 1%, B25/50 = 4300K
± 1% to ground in parallel with a 20 kW ± 1% to ground) for
tNTC−DEB debounce time, then an E_OTP fault is triggered
as described in the Protection Operation section above.
Upon re−establishing an explicit contract with the Sink, the
FUSB3307 sends an Alert to let the Sink know it previously
experienced an Over Temperature Protection event.
The SOIC package version of the FUSB3307 doesn’t have
an NTC pin and so the internal die temperature is monitored.
When the die temperature exceeds TINT−W threshold for
tNTC−DEB debounce time, then a PD Alert message is sent to
the Sink indicating this temperature warning. If however, the
TINT−OTP threshold is exceeded for tNTC−DEB debounce
time, then an I_OTP fault is triggered and executing
protection as described in Protection Operation section
above. The FUSB3307 sends an Alert to let the Sink know
it previously experienced an Over Temperature Protection
event. This internal die temperature is monitored also in the
QFN package option and either an E_OTP fault (based off
the NTC pin voltage) or an I_OTP fault causes the
FUSB3307 to disconnect and shut off VBUS. The
temperature warning for the QFN package is only triggered
via the NTC resistor not the internal die temperature.
CC1 and CC2 Over Voltage Protection (CC_OVP)
FUSB3307 protects against the CC1 and CC2 connector
pins being shorted to VBUS up to 26 V and it has the ability
to start protecting the system when the CC voltage is beyond
it normal operating range. If the CC voltage is above
VCC1−OVP (if CC is CC1 pin) or above VCC2−OVP (if CC is
CC2 pin) threshold for tCC−OVP−DEB debounce time, then
the FUSB3307 protects the system by triggering this fault
and executing protection as described in Protection
Operation section above.
VCONN Over Current Protection (VCONN_OCP)
FUSB3307 will turn on VCONN whenever it needs to
read the eMarker in the cable only if 5 A capability is chosen
from the trim table (Table 6) above and this design has a
Type C connector and not a hardwired captive cable. When
VCONN is sourced, per USB PD specification only
100 mW maximum (5 V with 20 mA for the FUSB3307)
needs to be supplied for a USB 2.0 source application. If the
VCONN current exceeds ICONN_OCP (typical 50 mA) for
tVCONN_OCP then the FUSB3307 will disable the VCONN
supply and abort the eMarker discovery process. The default
maximum current of 3 A will be used for all source
capabilities for USB PD messages in the latter case and the
normal PD messaging will occurs without interruption. No
Alert messages will be sent but the PD Status message will
have a bit to indicate that the cable limited the FUSB3307
from advertising 5 A source capabilities.
Specifications References
• Universal Serial Bus Power Delivery specification
revision 3.0 version 2.0 + ECNs up to 07 February, 2020
• Universal Serial Bus Type C Cable and Connection
Specification release 2.0, dated August, 2019
• USB Battery Charging Specification, revision 1.2,
dated December 7, 2010
• Universal Serial Bus Power Delivery specification
revision 2.0 version 1.3, dated 12 January, 2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com