Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3307 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FUSB3307
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FUSB3307 Datasheet HTML 6Page - ON Semiconductor FUSB3307 Datasheet HTML 7Page - ON Semiconductor FUSB3307 Datasheet HTML 8Page - ON Semiconductor FUSB3307 Datasheet HTML 9Page - ON Semiconductor FUSB3307 Datasheet HTML 10Page - ON Semiconductor FUSB3307 Datasheet HTML 11Page - ON Semiconductor FUSB3307 Datasheet HTML 12Page - ON Semiconductor FUSB3307 Datasheet HTML 13Page - ON Semiconductor FUSB3307 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
FUSB3307
www.onsemi.com
10
Application Information
FUSB3307 has the entire PD Device Policy Manager
(DPM), PD Policy Engine, Protocol and PHY layers within
hardware and it responds to all the messages typical for PD
Power Sources. No external processor is needed and it is
completely USB PD 3.0 with PPS compliant.
Two Reference Design Examples
Below are two reference design example applications of
the FUSB3307. One is an AC/DC design on the secondary
side of the offline design and the other is a DC/DC design
where the FUSB3307 directly controls the DC/DC
controller. In the descriptions that follow, both of these
designs are discussed when describing the operation of the
FUSB3307. Interspersed within these descriptions is how it
relates to USB Power Delivery (PD) and Type C
specifications. These are just two example designs since
there are considerably more use cases of the FUSB3307 in
reference designs for power source applications. For more
information on specific design needs, please contact your
ON Semiconductor field application engineers.
Figure 5. Offline Reference Design Example
Sync. Rec.
Ctrl (e.g.
NCP430x)
PWM Controller
(e.g. NCP1345,
NCP12601)
C9
VCC
IS+
IS−
CATH
GATE
R4
R5
C4
IFB
R6
C5
R7
C6
C7
R8
R9
R11
R10
C10
VFB
DISC
VDD
C3
CC1
CC2
D+/PDIV1
D−/PDIV0
C1
C2
ESD
7272
R1
FUSB3307
USB Type−C
Detection
and Gate
Drivers
PD 3.0
Device Policy
Manager,
Policy
Engine,
Protocol &
PHY Layers
CV/CC
Regulation
ESD
7272
2 ESDM3551’s
ESD
7272
VBUS
R2
R3
Q1
VCC
C8
26V
 FDMC012N03
HSG2
LSG2
R4
R5
C4
HSG1
LSG1
HSG1
LSG1
HSG2
LSG2
C3
R6
C5
R7
C6
C7
R8
R9
CSP2
CSN2
CSP1
CSN1
VSW1
VSW2
VSW1
VSW2
R1
FUSB3307
USB Type−
C
Detection
and Gate
Drivers
PD 3.0
Device
Policy
Manager,
Policy
Engine,
Protocol &
PHY
Layers
CV/CC
Regulation
NIV1241
SZESD
7272
SZESD
7272
CSP1
CSP2
CSN2
CSN1
D−
DISC
VCC
VDD
OTP
CC1
CC2
D+/
D−/
D−_HOST
D+
D+_HOST
5V
GND
IS+
IS−
CATH
IFB
VFB
NCV81599
GND
VCCD
VDRV
EN
ADDR
VCC
HSG1
V1
BST1
BST2
LSG1
HSG2
LSG2
PGND1
PGND2
COMP
AGND
CSP2
CSN2
CSP1
CSN1
FB
VSW1
VSW2
CS1
CS2
SDA
SCL
PDRV
CLIND
PDIV2
R12
R13
GATE
GND
VDD3307
VCC599
VCC599
C2
SZESD
7272
C1
NVTFS002N04CL
NVTFS4C10N
NVTFS4C10N
NVTFS4C10N
NVTFS4C10N
R15
NTC
R16
VDD3307
R14
Q1
C8
26V
VBUS
NVMFS5A140PLZ
SZ1SMB
30CAT3G
SZMM3Z
18VT1G
VCC599
2x
NSVR
0240
V2
Figure 6. Automotive DC/DC Reference Design Example
PDIV0
PDIV1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com