Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3307 Datasheet(PDF) 14 Page - ON Semiconductor

Part # FUSB3307
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FUSB3307 Datasheet HTML 10Page - ON Semiconductor FUSB3307 Datasheet HTML 11Page - ON Semiconductor FUSB3307 Datasheet HTML 12Page - ON Semiconductor FUSB3307 Datasheet HTML 13Page - ON Semiconductor FUSB3307 Datasheet HTML 14Page - ON Semiconductor FUSB3307 Datasheet HTML 15Page - ON Semiconductor FUSB3307 Datasheet HTML 16Page - ON Semiconductor FUSB3307 Datasheet HTML 17Page - ON Semiconductor FUSB3307 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
FUSB3307
www.onsemi.com
14
Capacitance to ground on the connector side VBUS
connection (source of Q1) can be added if needed but it
hasn’t been shown in the application diagrams above. If
added, it is recommended it doesn’t exceed 1
mF for
recovery from the source−source case mentioned above.
Voltage and Current Sensing Operation
As mentioned above (see Power Up and Assumptions),
the resistor ratio from VCC to ground formed by resistors R8
and R9 (typically 1:10 ratio where R8=120k and R9=13.3k)
and sensed via FUSB3307 VFB pin will sense the voltage
for VCC in order to set a new voltage. For Figure 5 offline
design, this will be done via the FUSB3307 CATH pin, the
opto−coupler, resistor R10 and the primary side PWM
controller operation. R11 provides a bias current to the
CATH pin feedback circuit within the FUSB3307 and is
optional. For Figure 6 buck−boost design, this will be done
via the FUSB3307 CATH pin controlling the buck−boost
PWM via its COMP pin. The FUSB3307 will automatically
control the CATH pin based on the desired voltage as
determine by the USB PD contract and the existing VCC
voltage sensed by VFB. If FUSB3307’s PD communication
is not responded to by the Sink upon initial attach, the
FUSB3307 will continue with 5 V VBUS Type C operation
until the Sink detaches. The external compensation network
formed by C6/R7/C7 and R6/C5 need to be selected to
achieve stable operation over the range of VBUS voltage
and current transitions as shown in Figure 11.
Figure 11. Compensation Network for Constant
Voltage / Constant Current (CV/CC) Feedback
For the offline design, C10 may be needed as well. For the
DC/DC design, there may be a need for additional
compensation networks from COMP pin to ground or from
COMP to the NCV81599 supply.
The current is sensed via a small resistor R4 (5 m
W
typically) connected between the USB−C connector ground
and the main ground plane of the power source (secondary
side ground for offline design) as shown in Figure 12.
Figure 12. Current Sense Network
A low pass filter formed by R5/C4 provides a stable signal
for IS+ and IS− pins of the FUSB3307 to sense this current
for over−current protection for fixed voltage PD contracts,
constant current operation for PPS contracts and cable
compensation if selected from the trim table (Table 6). It is
expected that the USB−C connector ground is connected
only to the current sense network resistors R4 and R5 and the
connector TVS ground connections and not to the main
ground plane of the NCV81599 for the DC/DC design or
secondary side power ground for the offline design
(FUSB3307 ground connection). However, the FUSB3307
consumes very little current and so it should have a
negligible impact on this current sensing if the FUSB3307
ground connection is on the USC−C connector ground if it
is more convenient in the Printed Circuit Board (PCB)
layout.
When in a PPS contract, if a PPS_Status message is
requested, the FUSB3307 will measure the current with an
internal 10−bit Analog to Digital Converter (ADC) based on
the above description and report it back to the Sink on the
PPS_Status message. The voltage is also reported back but
it is measured off VCC with the ADC not VFB pin since the
VFB pin is only used for voltage feedback. Thus if the
voltage feedback resistor divider connected to VFB is
modified to be slightly different from the 1:10 ratio
expected, the voltage sensing for this PPS_Status message
will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com