Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3307 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FUSB3307
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FUSB3307 Datasheet HTML 3Page - ON Semiconductor FUSB3307 Datasheet HTML 4Page - ON Semiconductor FUSB3307 Datasheet HTML 5Page - ON Semiconductor FUSB3307 Datasheet HTML 6Page - ON Semiconductor FUSB3307 Datasheet HTML 7Page - ON Semiconductor FUSB3307 Datasheet HTML 8Page - ON Semiconductor FUSB3307 Datasheet HTML 9Page - ON Semiconductor FUSB3307 Datasheet HTML 10Page - ON Semiconductor FUSB3307 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
FUSB3307
www.onsemi.com
7
Table 4. ELECTRICAL CHARACTERISTICS VCC = 5 V, TJ = −40°C to 125°C unless otherwise specified.
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
VCC SECTION
Standby Operating Supply Current
VCC = 5 V, VCS = 0 mV (IP−CC1−330
and IP−CC2−330 not flowing since CC1
and CC2 are HIGH)
ICC−STBY
0.85
1.1
mA
VCC−UVP SECTION
Ratio VCC Under−Voltage−Protection (UVP)
to VCC
VCS = 0 mV
KCC−UVP
60
65
70
%
UVP Debounce Time
tD−UVP
45
60
75
ms
UVP Blanking Time during a Voltage Tran-
sition
Whenever a voltage change occurs
from lower VBUS to a higher VBUS
tBNK−UVP
160
200
240
ms
VCC−OVP SECTION
Ratio VCC Over−Voltage−Protection (OVP)
to VCC
VCS = 0 mV
KCC-OVP
116.0
121
127.0
%
VCC Maximum Over−Voltage−Protection
VCC−OVP−MAX
23
23.8
24.8
V
OVP Debounce Time
tD−OVP
35
75
110
ms
OVP Blanking Time during a Voltage Tran-
sition (Note 5)
VBUS voltage transition step (VSTEP)
v 0.5 V, Final VBUS > 13 V
tBNK−OVP1
7
ms
OVP Blanking Time during a Voltage Tran-
sition (Note 5)
VSTEP v 0.5 V, Final VBUS < 13 V
tBNK−OVP2
19
ms
OVP Blanking Time during a Voltage Tran-
sition (Note 5)
VSTEP > 0.5 V, Final VBUS > 13 V
tBNK−OVP3
56
ms
OVP Blanking Time during a Voltage Tran-
sition (Note 5)
VSTEP > 0.5 V, Final VBUS < 13 V
tBNK−OVP4
221
ms
CONSTANT CURRENT LIMIT SENSING SECTION (100% Constant Current)
Current−Sense Amplifier Gain (Note 5)
RCS = 5 mW
AV−CCR
40
V/V
Current threshold on sensing resistor be-
tween IS+ and IS− at IOUT = 1.00 A
Constant Current Limit mode and
VCC = 5 V, 20 V
ICS−1A
0.85
1.00
1.15
A
Current threshold on sensing resistor be-
tween IS+ and IS− at IOUT = 2.00 A
Constant Current Limit mode and
VCC = 5 V, 20 V
ICS−2A
1.85
2.00
2.15
A
Current threshold on sensing resistor be-
tween IS+ and IS− at IOUT = 3.00 A
Constant Current Limit mode and
VCC = 5 V, 20 V
ICS−3A
2.85
3.00
3.15
A
Current threshold on sensing resistor be-
tween IS+ and IS− at IOUT = 4.00 A
Constant Current Limit mode and
VCC = 5 V, 20 V
ICS−4A
3.80
4.00
4.20
A
Current threshold on sensing resistor be-
tween IS+ and IS− at IOUT = 5.00 A
Constant Current Limit mode and
VCC = 5 V, 20 V
ICS−5A
4.75
5.00
5.25
A
Current threshold on sensing resistor be-
tween IS+ and IS− at DIOUT = 50 mA
Constant Current Limit mode and
VCC = 5 V
ICS−STEP
48
50
52
mA
OVER CURRENT PROTECTION SENSING SECTION
Over Current Protection (OCP) threshold on
sensing resistor between IS+ and IS−
Constant Voltage mode, PD Request
Message = 3 A and VCC = 5 V
ICS−3A
3.42
3.60
3.78
A
Over Current Protection (OCP) threshold on
sensing resistor between IS+ and IS−
Constant Voltage mode, PD Request
Message = 5 A and VCC = 5 V
ICS−5A
5.7
6.0
6.3
A
OCP Debounce Time
tOCP−DEB
50
60
70
ms
Current threshold on sensing resistor be-
tween IS+ and IS− for enabling discharge
on DISC pin during a voltage transition
VBUS is decreasing
ICS−EN−DSCG
330
mA
Debounce time for enabling discharge on
DISC pin during a voltage transition
tCS−EN−DSCG
0.6
1.0
ms
CONSTANT VOLTAGE SENSING SECTION
VFB Reference Voltage at 3.3 V
VCC = 3.3 V, VCS = 0 V
VCVR−3.3V
0.320
0.330
0.340
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com