Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3307 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FUSB3307
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307 Datasheet(HTML) 5 Page - ON Semiconductor

  FUSB3307 Datasheet HTML 1Page - ON Semiconductor FUSB3307 Datasheet HTML 2Page - ON Semiconductor FUSB3307 Datasheet HTML 3Page - ON Semiconductor FUSB3307 Datasheet HTML 4Page - ON Semiconductor FUSB3307 Datasheet HTML 5Page - ON Semiconductor FUSB3307 Datasheet HTML 6Page - ON Semiconductor FUSB3307 Datasheet HTML 7Page - ON Semiconductor FUSB3307 Datasheet HTML 8Page - ON Semiconductor FUSB3307 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
FUSB3307
www.onsemi.com
5
PIN FUNCTION DESCRIPTION
SOIC Pin
Number
QFN Pin
Number
Pin Name
I/O Type
Description
1
14
VCC
Supply
Output voltage (Input voltage to the FUSB3307). This pin is tied to the output of
the power source to monitor its output voltage and supply internal bias to the
FUSB3307 via the VDD pin.
4
19
VDD
Supply
Internal supply voltage regulator output. This pin should be connected to an 1 mF
external capacitor
2
4, 15,
DAP
GND
Ground
Ground
14
12
CATH
Open Drain
Output
Feedback to control the power supply. Typically an opto−coupler cathode on the
secondary side is connected to this pin to provide feedback signal to the primary
side PWM controller. Alternatively, this can be connected to the error amplifier
output of a DC−DC regulator (often called the compensation pin) or with an invert-
ing circuit to the DC−DC feedback (FB) pin.
11
8
VFB
Input
Output Voltage Sensing Signal. This pin is used for constant voltage (CV) regula-
tion, and it is tied to the internal CV loop amplifier non−inverting input terminal. It
is tied to the output voltage external 1:10 resistor divider and a compensation
circuit
12
9
IFB
Input
Constant Current Amplifying Signal. The voltage level at this pin is the amplified
current sense signal used for providing an external compensation circuit. Internal-
ly this pin is tied to the non−inverting input of the current loop error amplifier.
10
7
IS−
Input
Current sensing amplifier negative terminal. Connect this pin directly to the nega-
tive end of the current sense resistor with a short PCB trace
9
6
IS+
Input
Current sensing amplifier positive terminal. Connect this pin directly to the posi-
tive end of the current sense resistor with a short PCB trace
3
17
GATE
Output
Gate drive signal to drive the gate of an NFET load switch
13
11
DISC
Open Drain
I/O
Discharge pin. This pin should be tied to a small (40 W) external resistor that is
connected to VBUS after the load switch to discharge VBUS at the connector
7
3
CC1
I/O
Configuration Channel 1. This pin is used to detect USB Type−C devices and
communicate over USB PD
8
5
CC2
I/O
Configuration Channel 2. This pin is used to detect USB Type−C devices and
communicate over USB PD
5
20
D+/PDIV1
D+: I/O
PDIV1: Input
Different functionality available with Trim option (see Application Information
section and note at the bottom of Table 6 below):
D+: Connected to D+ for BC1.2 or resistor divider mode
PDIV1: Programmable pin to select different USB Power Delivery Power (PDP)
values
6
2
D−/PDIV0
D−: I/O
PDIV0: Input
Different functionality available upon request:
D−: Connected to D− for BC1.2 or resistor divider mode
PDIV0: Programmable pin to select different USB Power Delivery Power (PDP)
values
N/A
10
PDIV2
Input
Programmable pin to select different USB Power Delivery Power (PDP) values
N/A
16
NTC
I/O
Pin connected to external NTC resistor to sense PCB or connector temperature
ORDERING INFORMATION
Part Number
Top Mark
Operating Temperature Range
Package
Packing Method
FUSB3307D6MX
FUSB3307D6MX
−40°C to 85°C
SOIC−14 NB
(Pb−Free)
Tape and Reel
FUSB3307D6VMNWTWG
(In Development)
3307
D6V
−40°C to 105°C
QFNW20
(Pb−Free)
Tape and Reel
FUSB3307D6MNWTWG
(In Development)
3307
D6
−40°C to 85°C
QFNW20
(Pb−Free)
Tape and Reel
Other trim (see note at the
bottom of Table 6) or
package options
−
−
Please contact
ON Semiconductor sales
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com