Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3307 Datasheet(PDF) 18 Page - ON Semiconductor

Part # FUSB3307
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button FUSB3307 Datasheet HTML 13Page - ON Semiconductor FUSB3307 Datasheet HTML 14Page - ON Semiconductor FUSB3307 Datasheet HTML 15Page - ON Semiconductor FUSB3307 Datasheet HTML 16Page - ON Semiconductor FUSB3307 Datasheet HTML 17Page - ON Semiconductor FUSB3307 Datasheet HTML 18Page - ON Semiconductor FUSB3307 Datasheet HTML 19Page - ON Semiconductor FUSB3307 Datasheet HTML 20Page - ON Semiconductor FUSB3307 Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
FUSB3307
www.onsemi.com
18
OVP and UVP are sensed via an internal resistor divider
that divides VCC by 10 to determine the voltage from the
power source. CC1 and CC2 are directly sensed for over
voltage. For E_OTP (QFN package option only), a pin NTC
is available that is connected to an NTC resistor to ground
usually in parallel with another resistor to ground for
linearity. For I_OTP (SOIC and QFN packages), an internal
temperature monitor is used. For all faults except
VCONN_OCP fault, upon detection, the FUSB3307 will
disable the Type C connection with the Sink (no pull−up on
CC), shut off VBUS load switch and keep monitoring the
fault. Once the fault has been removed, the FUSB3307 starts
up at 5 V after t2S_AR_NM seconds and reconnects with the
Sink.
Output Over Voltage Protection (OVP)
FUSB3307 has built−in OVP based on the Trim Table
(Table 6). For the default OVP case, whenever VCC, as
sensed by an internal 1:10 resistor divider, exceeds
KCC−OVP (typically 120%) of the requested VCC from the
power source for a debounce time of tD−OVP, then the OVP
fault would be triggered. Upon detection, the FUSB3307
will disable the Type C connection with the Sink (no pull−up
on CC), shut off VBUS load switch and keep monitoring
VCC to determine if the OVP is still present. When OVP is
removed, a timer is started which when expired in t2S_AR
seconds, causes the FUSB3307 to reestablish the Sink Type
C connection with the initial 5 V VBUS supplied as if it were
initially attached.
During transitions between VCC voltages, the OVP
circuitry is blanked or disabled for tBNK−OVP time to ensure
that false triggering of OVP doesn’t occur. To ensure safe
operation over all voltages of VCC, the maximum VCC
voltage is limited to VCC−OVP−MAX.
Output Under Voltage Protection (UVP)
FUSB3307 has a built−in UVP based on the Trim Table
(Table 6). For the default UVP case, whenever VCC, as
sensed internally, is below KCC−UVP (typically 65%) of the
requested output voltage from the power source for a
debounce time of tD−UVP, then the UVP fault would be
triggered. No PD Alert messages are sent for this fault.
During transitions between VCC voltages, the UVP
circuitry is blanked or disabled for tBNK−UVP time to ensure
that false triggering of UVP doesn’t occur.
For PPS contracts, if current limiting causes the voltage to
decrease, the UVP fault will not trigger at 65% of VCC since
all voltages from the requested voltage to VCC−OFF, the
lowest voltage, are valid.
For compliance with the USB PD specification, the
FUSB3307 will trigger UVP whenever VCC is below
VCC−OFF. This allows protection for a direct short of VBUS
to ground separately or in conjunction with the OCP fault
described below. If VCC < VCC−OFF fault is triggered, then
to resume normal operation, VCC has to go below VLATCH
to reset the FUSB3307 to exit this fault condition.
Over Current Protection (OCP) and Constant Current
Limit (CL)
If VBUS is shorted to ground, either the UVP fault
described above could trigger or the OCP fault, or both.
FUSB3307 senses the current via a small R4 resistor (5 m
W
typical) as described in the Voltage and Current Sensing
section above. The OCP fault is triggered at 120% of the
maximum current for the requested Power Data Object
(PDO) for fixed supplies only (ICS−3A typically 3.6 A for a
3 A maximum fixed supply current). Once this OCP fault
occurs, the FUSB3307 protects the system as described in
the Protection Operation section above. An Alert message
is sent upon the FUSB3307 establishing an explicit contract
with the Sink and a PD “Status” message from the
FUSB3307 will include the OCP history.
For PPS APDO’s (Augmented Power Data Objects),
Constant Current Limiting (CL) is used as specified in the
USB PD specification where the voltage will drop to a low
value based on keeping the current constant and equal to the
requested PPS current. In this case UVP described above
will trigger if VCC drops below VCC−OFF since any voltage
from the lowest 3.3 V – 5% to the PPS requested voltage
could occur with current limiting. If the PPS current limit is
changed with a new PD Request message, the VCC voltage
may change accordingly to a new value based on the current
limiting function. An Alert message is sent whenever there
is a switch from Constant Current Limit (CL) to Constant
Voltage (CV) mode and vice versa. For PPS_Status
messages, this flag that shows whether the FUSB3307 is in
CL or CV mode, is sent along with the VCC voltage and load
current as sensed by R4 to monitor the FUSB3307 while it
provides PPS voltages and currents.
Over Temperature Protection (I_OTP and E_OTP)
FUSB3307 has two different over temperature faults,
E_OTP and I_OTP. For E_OTP, when the QFN package is
used, there is a NTC pin that is expected to be connected to
an NTC resistor in parallel with a regular resistor for
linearity. The FUSB3307 provides a INTC current source
(typically 60
mA) on the NTC pin to bias this NTC resistor
so that an internal A/D converter measures the external
temperature as shown in Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com