Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3307 Datasheet(PDF) 15 Page - ON Semiconductor

Part # FUSB3307
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FUSB3307 Datasheet HTML 11Page - ON Semiconductor FUSB3307 Datasheet HTML 12Page - ON Semiconductor FUSB3307 Datasheet HTML 13Page - ON Semiconductor FUSB3307 Datasheet HTML 14Page - ON Semiconductor FUSB3307 Datasheet HTML 15Page - ON Semiconductor FUSB3307 Datasheet HTML 16Page - ON Semiconductor FUSB3307 Datasheet HTML 17Page - ON Semiconductor FUSB3307 Datasheet HTML 18Page - ON Semiconductor FUSB3307 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
FUSB3307
www.onsemi.com
15
USB 2.0 Data Lines
The USB 2.0 Data Lines D+ and D− can be externally
connected together via a 100 ohms resistor to provide the
maximum power, a legacy USB device can take, which is
1.5 A per USB Battery Charging v1.2 (BC1.2) specification.
This will usually be the case when a USB−C to micro−B
cable is plugged into this design where this adapter cable has
the required Sink Rd resistors within it to allow the
FUSB3307 to recognize a Type C attach and to source 5 V
on VBUS. The Sink will go through BC1.2 steps of primary
and secondary detection to detect a Dedicated Charging Port
(DCP) via this resistor connection of D+ and D− and takes
1.5 A maximum from VBUS.
If selected by the Trim table (Table 6), to attach to certain
phones that require resistor dividers on D+ and D− then
connect D+ and D− to the FUSB3307 with small (22
W
typical) resistors which auto−detects which type of legacy
Sink is plugged in and automatically provides the legacy
device with the appropriate power level it needs to charge.
Note this power level is controlled by the device itself not the
power source which is typical of most legacy USB power
systems. The FUSB3307 will allow for 5 V at a maximum
of 3 A for even legacy devices which will take at most either
1.5 A or 2.4 A for most legacy devices.
D+ and D− can also be connected to a USB Physical Layer
(PHY) controller for using these lines for data traffic. In that
case, the USB PHY is expected to advertise itself as a
Charging Downstream Port (CDP) per BC1.2 so that the
Sink can take a maximum of 1.5 A of power.
D+ and D− are low voltage pins (6 V absolute maximum
voltage) and are not expected to be shorted to VBUS when
VBUS goes higher than 6 V. The TVS diodes connected to
D+ and D− shown in the figure (ESD7104) allow operating
voltages up to 5 V for the offline design (Figure 5) and
typically D+ and D− are 3.3 V signals when used for USB
2.0 data signals. For the automotive buck−boost design
(Figure 6), short−to−VBUS protection is shown via the
NIV1241 that contain TVS diodes and FETs to keep the
FUSB3307 D+ and D− lines less than 5 V as shown in
Figure 13.
Figure 13. D+ and D− Pin Protection Provided by the
NIV1241
Power Delivery Operation
FUSB3307 advertises source capabilities and responds to
PD message completely autonomously following the USB
PD 3.0 with PPS and Type C specifications. For more details
on the USB PD messages please refer to the specification
references mentioned below (See Specification References
on page 19). Similarly the references mention the Type C
and the BC1.2 specifications as well for further information.
To allow for a variety of designs, the following table has
a number of trim options to accommodate almost every
design. The following Table 6 lists out the various options.
While all these options exist, they can only be obtained from
ON Semiconductor if requested and once delivered, the trim
option cannot be changed. The default trim option column
below is for a 60 W design that uses 3 A cables and is for a
USB Power Delivery (PD) 3.0 design with Programmable
Power Supplies (PPS) and Fixed Supplies. In the future
more default options will be available for general purpose
use with likely 30 W, 45 W and 90 W power levels in
addition to the 60 W option.
Table 6. FUSE TRIM (NOTE 7) OPTION TABLE
#
Function
Trim Option
Default Option
1
Output Power
PD Power (PDP) from 16 W to 100 W in 1W increments
60 W
2
Cable Compensation
Four choices of 50 mV/A, 100 mV/A, 150 mV/A and Disabled
Disabled
3
5 A Power Source
0 = Max current is 3 A, no eMarker detection
1 = Max current is 5 A, eMarker detection needed
0 = Max current = 3 A,
no eMarker detection
4
Charging Output OVP
Four choices of OVP thresholds: 115%, 120%, 125% and 130%
120% OVP
5
Charging Output UVP
Four choices of UVP thresholds: 60%, 65%, 70% and Disabled
65% UVP
6
D+/D− versus
PDIV0/PDIV1
00: D+/PDIV1=D+, D−/PDIV0=D− (SOIC package without PDIV2 pin)
01: D+/PDIV1=PDIV1, D−/PDIV0=PDIV0 (SOIC package without PDIV2 pin)
10: D+/PDIV1=PDIV1, D−/PDIV0=PDIV0 PDIV2 standalone pin
(QFN package)
11: D+/PDIV1=D+, D−/PDIV0=D− PDIV2 standalone pin (QFN package)
00 for SOIC package
11 for QFN package
7
Support PD 3.0
0 = Enable PD 2.0
1 = Enable PD 3.0
1 = Enable PD 3.0
7. ”Trim Options” means feature programmability to create new functional options in a manufacturing test program by trimming semiconductor
fuses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com