Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3307 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FUSB3307
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FUSB3307 Datasheet HTML 7Page - ON Semiconductor FUSB3307 Datasheet HTML 8Page - ON Semiconductor FUSB3307 Datasheet HTML 9Page - ON Semiconductor FUSB3307 Datasheet HTML 10Page - ON Semiconductor FUSB3307 Datasheet HTML 11Page - ON Semiconductor FUSB3307 Datasheet HTML 12Page - ON Semiconductor FUSB3307 Datasheet HTML 13Page - ON Semiconductor FUSB3307 Datasheet HTML 14Page - ON Semiconductor FUSB3307 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
FUSB3307
www.onsemi.com
11
Power Up and Assumptions
For Figure 5, the focus is on only the secondary side of this
power source and only on the interactions with the
FUSB3307 device. For Figure 6, only the interconnections of
the FUSB3307 with the buck−boost shown will be discussed,
not the buck−boost operation. It is assumed all other
functionality of these AC/DC and DC/DC designs is known.
For Figure 5, upon application of an AC source, the
secondary side VCC starts at 5 V and for Figure 6, upon
application of input VBAT, the buck−boost regulates VCC
at 5 V for USB−C operation. The FUSB3307 takes its input
from the resistor divider ratio comprising of R8 and R9 in
Figure 5 and Figure 6 above. In Figure 5, FUSB3307
controls the CATH pin current through the opto−coupler,
R11 and R10 resistors for providing the feedback to the
primary side controller to regulate to 5 V as shown in
Figure 7.
Figure 7. Constant Voltage / Constant Current
(CV/CC) section of Application Diagram
In Figure 6, FUSB3307 controls the CATH pin voltage
which is tied to the COMP pin of the buck−boost which
directly regulates the output voltage to 5 V. The ratio of
R9:(R8+R9) is expected to be 1:10 to achieve 5 V on VCC
upon power up which is typically R8 = 120 kohms and R9
= 13.3 kohms.
In Figure 6, the buck−boost has its feedback FB pin which
has the resistor that also expects a 1:10 resistor divider in
typical default operation. However this buck−boost resistor
divider is set to 1:50 ratio to set the upper limit of the voltage
while the FUSB3307 directly controls the PWM operation
within the buck−boost. If direct COMP pin control of the
buck−boost is not desirable, then the FUSB3307 can control
the FB pin via a simple external circuit. Please contact
ON Semiconductor Field Application Engineers for more
details.
FUSB3307 will not attach to any Sink devices unless 5 V
(4.75 V to 5.5 V voltage range) is first attained on its VCC
pin since that is the basis of both the USB Type C and USB
Power Delivery (PD) specifications. From this 5 V on VCC,
the FUSB3307 derives its VDD voltage which is used for
powering the internal circuitry as illustrated by this section
of the block diagram shown in Figure 8.
Figure 8. VDD Generation with FUSB3307
It is expected that a capacitor, C3 is connected externally
(typically 1
mF) from VDD to ground to provide energy
storage. VDD is regulated to be at the appropriate voltage for
the internal circuitry for any USB PD contract from 3.3 V
when in a USB PD Programmable Power Supply (PPS)
contract to the highest PPS voltage of 21 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com