Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3307 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FUSB3307
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FUSB3307 Datasheet HTML 5Page - ON Semiconductor FUSB3307 Datasheet HTML 6Page - ON Semiconductor FUSB3307 Datasheet HTML 7Page - ON Semiconductor FUSB3307 Datasheet HTML 8Page - ON Semiconductor FUSB3307 Datasheet HTML 9Page - ON Semiconductor FUSB3307 Datasheet HTML 10Page - ON Semiconductor FUSB3307 Datasheet HTML 11Page - ON Semiconductor FUSB3307 Datasheet HTML 12Page - ON Semiconductor FUSB3307 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
FUSB3307
www.onsemi.com
9
Table 4. ELECTRICAL CHARACTERISTICS VCC = 5 V, TJ = −40°C to 125°C unless otherwise specified.
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
TYPE C SECTION
330 mA Source Current on CC1 Pin
VCC = 5 V, VCC1 = 0 V
IP−CC1−330
304
330
356
mA
180 mA Source Current on CC1 Pin
Used for USB PD to signal that the
Sink can communicate, VCC = 5 V,
VCC1 = 0 V
IP−CC1−180
166
180
194
mA
330 mA Source Current on CC2 Pin
VCC = 5 V, VCC2 = 0 V
IP−CC2−330
304
330
356
mA
180 mA source current on CC2 Pin
Used for USB PD to signal that the
Sink can communicate, VCC = 5 V,
VCC2 = 0 V
IP−CC2−180
166
180
194
mA
Input Impedance on CC1 Pin
VCC = 0 V, Sourcing 330 mA on CC1
ZOPEN−CC1
126
kW
Input Impedance on CC2 Pin
VCC = 0 V, Sourcing 330 mA on CC2
ZOPEN−CC2
126
kW
Ra Impedance Detection Voltage Threshold
on CC1 Pin
VCC = 5 V, VCC2 = 5 V, Decreasing
VCC1
VRA−CC1
0.75
0.80
0.85
V
Ra Impedance Detection Voltage Threshold
on CC2 Pin
VCC = 5 V, VCC1 = 5 V, Decreasing
VCC2
VRA−CC2
0.75
0.80
0.85
V
Rd Impedance Detection Voltage Threshold
on CC1 Pin
VCC = 5 V, VCC2 = 5 V,
Decreasing VCC1
VRD−CC1
2.45
2.60
2.75
V
Rd Impedance Detection Voltage Threshold
on CC2 Pin
VCC = 5 V, VCC1 = 5 V,
Decreasing VCC2
VRD−CC2
2.45
2.60
2.75
V
Sink Attach Debounce Time (Note 5)
VCC = 5 V
tCCDebounce
100
150
200
ms
GATE High Voltage at 3.3 V
VCC = 3.3 V
VGATE−3.3V
5.3
V
GATE High Voltage at 21 V
VCC = 21 V
VGATE-21V
24.5
V
GATE High Voltage at VIN−OVP−MAX
VCC = VCC−OVP−MAX
VGATE−MAX
30
V
VCONN supply voltage
VCONN
3.0
5.5
V
VCONN OCP voltage
ICONN_OCP
50
mA
VCONN OCP debounce time
tVCONN_OCP
2.6
3.6
4.7
ms
VCONN supply current
VCC = 4.75 V, VCONN = 3 V
IVCONN
34
mA
CC1 Pin Over−Voltage Protection
VCC1−OVP
5.5
5.75
6.0
V
CC2 Pin Over−Voltage Protection
VCC2−OVP
5.5
5.75
6.0
V
CC1/CC2 OVP Debounce Time
tCC-OVP−DEB
28
ms
Safe Operating Voltage at 0 V
VSafe0V
0.66
0.73
0.80
V
USB PD BMC TRANSMITTER SECTION
Unit internal
1/fBitRate
tUI
3.03
3.70
ms
Logic High Voltage
IOH = −165 mA or 293 mA
VOH
1.05
1.125
1.2
V
Logic Low Voltage
IOL = 763 mA
VOL
0.075
V
Rise time
VDD = 4.7 mF
tRise−TX
300
500
700
ns
Fall time
VDD = 4.7 mF
tFall−TX
300
500
700
ns
Transmitter output impedance
zDriver
33
75
W
USB PD BMC RECEIVER SECTION
Rx bandwidth limiting filter
tRxFilter
100
ns
CC receiver capacitance
cReceiver
15
pF
Receiver Input Impedance
zBmcRx
1
MW
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Guaranteed by Design
6. QFN package only where NTC pin is available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com