Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8193LC4TR-R5 Datasheet(PDF) 24 Page - Analog Devices

Part # HMC8193LC4TR-R5
Description  2.5 GHz to 8.5 GHz, I/Q Mixer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8193LC4TR-R5 Datasheet(HTML) 24 Page - Analog Devices

Back Button HMC8193LC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 23Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 24Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 25Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 26Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 27Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
HMC8193
Data Sheet
Rev. B | Page 24 of 36
ISOLATION AND RETURN LOSS
Data taken at LO drive = 18 dBm, TA = 25°C, unless otherwise noted.
70
60
40
20
50
30
10
0
2
5
4
3
6
7
8
9
LO FREQUENCY (GHz)
IF1, –40°C
IF1, +25°C
IF1, +85°C
IF2, –40°C
IF2, +25°C
IF2, +85°C
Figure 94. LO to IF Isolation vs. LO Frequency at Various Temperatures
70
60
40
20
50
30
10
0
2
5
4
3
6
7
8
9
LO FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 95. LO to RF Isolation vs. LO Frequency at Various Temperatures
40
35
30
20
0
10
25
15
5
2
3
5
4
6
7
8
9
RF FREQUENCY (GHz)
IF1, –40°C
IF1, +25°C
IF1, +85°C
IF2, –40°C
IF2, +25°C
IF2, +85°C
Figure 96. RF to IF Isolation vs. RF Frequency at Various Temperatures
70
60
50
40
30
20
0
10
2
3
5
4
6
7
8
9
LO FREQUENCY (GHz)
IF1, 14dBm
IF1, 16dBm
IF1, 18dBm
IF1, 20dBm
IF2, 14dBm
IF2, 16dBm
IF2, 18dBm
IF2, 20dBm
Figure 97. LO to IF Isolation vs. LO Frequency at Various LO Drives
70
60
40
20
50
30
10
0
2
5
4
3
6
7
8
9
LO FREQUENCY (GHz)
20dBm
18dBm
16dBm
14dBm
Figure 98. LO to RF Isolation vs. LO Frequency at Various LO Drives
40
35
30
20
0
10
25
15
5
2
3
5
4
6
7
8
9
RF FREQUENCY (GHz)
IF1, 14dBm
IF1, 16dBm
IF1, 18dBm
IF1, 20dBm
IF2, 14dBm
IF2, 16dBm
IF2, 18dBm
IF2, 20dBm
Figure 99. RF to IF Isolation vs. RF Frequency at Various LO Drives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com