Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8193LC4TR-R5 Datasheet(PDF) 27 Page - Analog Devices

Part # HMC8193LC4TR-R5
Description  2.5 GHz to 8.5 GHz, I/Q Mixer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8193LC4TR-R5 Datasheet(HTML) 27 Page - Analog Devices

Back Button HMC8193LC4TR-R5 Datasheet HTML 23Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 24Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 25Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 26Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 27Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 28Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 29Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 30Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Data Sheet
HMC8193
Rev. B | Page 27 of 36
AMPLITUDE AND PHASE IMBALANCE
Downconverter Performance, Lower Sideband
4
3
1
–1
–2
2
0
–3
–4
2.5
3.5
7.5
5.5
4.5
6.5
8.5
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 110. Amplitude Imbalance vs. RF Frequency at Various Temperatures,
LO Drive = 18 dBm, IF = 100 MHz
10
0
–10
5
–5
2.5
4.5
3.5
5.5
6.5
7.5
8.5
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 111. Phase Imbalance vs. RF Frequency at Various Temperatures,
LO Drive = 18 dBm, IF = 100 MHz
4
3
1
–1
–2
2
0
–3
–4
2.5
3.5
7.5
5.5
4.5
6.5
8.5
RF FREQUENCY (GHz)
20dBm
18dBm
16dBm
14dBm
Figure 112. Amplitude Imbalance vs. RF Frequency at Various LO Drives,
IF = 100 MHz, TA = 25°C
10
0
–10
5
–5
2.5
4.5
3.5
5.5
6.5
7.5
8.5
RF FREQUENCY (GHz)
20dBm
18dBm
16dBm
14dBm
Figure 113. Phase Imbalance vs. RF Frequency at Various LO Drives,
IF = 100 MHz, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com