Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8193LC4TR-R5 Datasheet(PDF) 29 Page - Analog Devices

Part # HMC8193LC4TR-R5
Description  2.5 GHz to 8.5 GHz, I/Q Mixer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8193LC4TR-R5 Datasheet(HTML) 29 Page - Analog Devices

Back Button HMC8193LC4TR-R5 Datasheet HTML 25Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 26Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 27Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 28Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 29Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 30Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 31Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 32Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
HMC8193
Rev. B | Page 29 of 36
SPURIOUS AND HARMONICS PERFORMANCE
All M × N spur data captured with the 90° hybrid attached.
Downconverter M × N Spurious Outputs
Mixer spurious products are measured in dBc from the IF output
power level, unless otherwise specified. Spur values are (M × RF) −
(N × LO).
IF = 100 MHz, RF = 2500 MHz, LO = 2600 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
0
34
33
47
1
22
0
29
41
46
2
84
69
73
70
85
3
84
82
89
69
87
4
82
83
79
89
92
IF = 100 MHz, RF = 5500 MHz, LO = 5600 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
9
35
29
48
1
23
0
53
47
52
2
81
68
69
70
81
3
80
82
84
67
80
4
77
80
79
83
91
IF = 100 MHz, RF = 8500 MHz, LO = 8600 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
1
30
35
48
1
15
0
53
69
57
2
76
76
72
78
76
3
70
77
79
89
77
4
67
72
76
80
87
IF = 1000 MHz, RF = 2500 MHz, LO = 3500 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
−6
+22
+19
+33
1
+11
+0
+32
+36
+43
2
+74
+55
+77
+69
+72
3
+73
+68
+65
+59
+76
4
+71
+74
+59
+65
+68
IF = 1000 MHz, RF = 5500 MHz, LO = 6500 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
2
19
13
35
1
12
0
31
38
40
2
71
61
65
64
70
3
68
70
76
67
71
4
64
68
69
77
73
IF = 1000 MHz, RF = 8500 MHz, LO = 9500 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
−3
+19
+12
+32
1
+6
+0
+35
+63
+51
2
+66
+69
+62
+67
+63
3
+59
+66
+70
+67
+66
4
+59
+60
+66
+70
+68
IF = 3500 MHz, RF = 2500 MHz, LO = 6000 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
4
36
13
52
1
20
0
49
60
44
2
74
61
80
87
81
3
87
78
87
91
88
4
92
94
97
92
88
IF = 3500 MHz, RF = 5500 MHz, LO = 9000 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
7
23
28
41
1
14
0
37
55
56
2
85
91
88
81
83
3
88
90
89
93
87
4
87
88
93
93
85
IF = 3500 MHz, RF = 8500 MHz, LO = 12,000 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
−20
+5
+7
+20
1
−10
+0
+38
+61
+54
2
+60
+69
+64
+64
+61
3
+61
+61
+70
+64
+63
4
+54
+63
+53
+34
+62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com