Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8193LC4TR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC8193LC4TR-R5
Description  2.5 GHz to 8.5 GHz, I/Q Mixer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8193LC4TR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC8193LC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
2.5 GHz to 8.5 GHz, I/Q Mixer
Data Sheet
HMC8193
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Passive I/Q mixer
RF and LO range: 2.5 GHz to 8.5 GHz
Wide IF range: dc to 4 GHz
Single-ended RF, LO, and IF
Conversion loss (downconverter): 9 dB (typical)
Image rejection (downconverter): 25 dBc (typical)
SSB noise figure (downconverter): 11.5 dB (typical)
Input IP3 (downconverter): 20 dBm (typical)
Input P1dB compression point (downconverter): 13 dBm
(typical)
Input IP2 (downconverter): 58 dBm (typical)
RF to IF isolation (downconverter): 22 dB (typical)
LO to RF isolation (downconverter): 48 dB (typical)
LO to IF isolation (downconverter): 38 dB (typical)
Amplitude balance (downconverter): ±0.5 dB (typical)
Phase balance (downconverter): ±5° (typical)
RF return loss: 13 dB (typical)
LO return loss 13 dB (typical)
IF return loss: 17 dB (typical)
Exposed pad, 4 mm × 4 mm, 24-terminal, ceramic
LCC package
APPLICATIONS
Test and measurement instrumentation
Military, aerospace, and radar
Direct conversion receivers
FUNCTIONAL BLOCK DIAGRAM
13
1
3
4
2
NIC
NIC
GND
RF
5
6
GND
NIC
NIC
14
GND
GND
PACKAGE
BASE
15
LO
16
GND
17
NIC
18
NIC
HMC8193
Figure 1.
GENERAL DESCRIPTION
The HMC8193 is a passive, in phase/quadrature (I/Q), monolithic
microwave integrated circuit (MMIC) mixer that can be used
either as an image rejection mixer for receiver operations, or as
a single-sideband upconverter for transmitter operations from
2.5 GHz to 8.5 GHz. The inherent I/Q architecture of the
HMC8193 offers excellent image rejection and thereby eliminates
the need for expensive filtering of unwanted sidebands. The
mixer also provides excellent local oscillator (LO) to radio
frequency (RF) and LO to intermediate frequency (IF) isolation
and reduces the effect of LO leakage to ensure signal integrity.
Being the HMC8913 is a passive mixer, it does not require any
dc power sources. The device offers a lower noise figure than an
active mixer, ensuring superior dynamic range for high
performance and precision applications.
The HMC8193 is fabricated on a gallium arsenide (GaAs),
metal semiconductor field effect transistor (MESFET) process
and uses Analog Devices, Inc., mixer cells and a 90° hybrid. It is
available in a compact, 4 mm × 4 mm, 24-lead LCC package
and operates over the −40°C to +85°C temperature range. An
evaluation board for this device is also available.


Similar Part No. - HMC8193LC4TR-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8191 AD-HMC8191 Datasheet
871Kb / 44P
6 GHz to 26.5 GHz, Wideband I/Q Mixer
8/2019-Rev. B to Rev. C
HMC8191LC4 AD-HMC8191LC4 Datasheet
871Kb / 44P
6 GHz to 26.5 GHz, Wideband I/Q Mixer
8/2019-Rev. B to Rev. C
HMC8191LC4TR AD-HMC8191LC4TR Datasheet
871Kb / 44P
6 GHz to 26.5 GHz, Wideband I/Q Mixer
8/2019-Rev. B to Rev. C
HMC8191LC4TR-R5 AD-HMC8191LC4TR-R5 Datasheet
871Kb / 44P
6 GHz to 26.5 GHz, Wideband I/Q Mixer
8/2019-Rev. B to Rev. C
HMC8192LG AD-HMC8192LG Datasheet
885Kb / 40P
20 GHz to 42 GHz, Wideband I/Q Mixer
11/2019-Revision 0
More results

Similar Description - HMC8193LC4TR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
HMC527 HITTITE-HMC527 Datasheet
297Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527 HITTITE-HMC527_09 Datasheet
228Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
logo
Analog Devices
HMC525ACHIPS AD-HMC525ACHIPS Datasheet
581Kb / 27P
4 GHz to 8.5 GHz, Wideband I/Q Mixer
10/2020-Revision 0
HMC521ACHIPS AD-HMC521ACHIPS Datasheet
660Kb / 25P
8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
10/2019-Revision 0
HMC525ALC4 AD-HMC525ALC4 Datasheet
498Kb / 28P
4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
5/2018-Rev. 0 to Rev. A
logo
Qorvo, Inc
QPX0002 QORVO-QPX0002 Datasheet
428Kb / 14P
2.5-15 GHz I/Q Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com