Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8193LC4TR-R5 Datasheet(PDF) 8 Page - Analog Devices

Part # HMC8193LC4TR-R5
Description  2.5 GHz to 8.5 GHz, I/Q Mixer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8193LC4TR-R5 Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC8193LC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 9Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 10Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 11Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
HMC8193
Data Sheet
Rev. B | Page 8 of 36
Downconverter Performance at IF = 1000 MHz, Lower Sideband
Data taken at LO drive = 18 dBm and TA = 25°C, unless otherwise noted.
0
–20
2
9
RF FREQUENCY (GHz)
–15
–10
–5
3
4
5
6
7
8
+85°C
+25°C
–40°C
Figure 17. Conversion Gain vs. RF Frequency at Various Temperatures
70
60
0
10
20
30
40
50
2
9
RF FREQUENCY (GHz)
3
4
5
6
7
8
+85°C
+25°C
–40°C
Figure 18. Image Rejection vs. RF Frequency at Various Temperatures
40
0
2
9
RF FREQUENCY (GHz)
5
10
15
20
25
30
35
3
4
5
6
7
8
+85°C
+25°C
–40°C
Figure 19. Input IP3 vs. RF Frequency at Various Temperatures
0
–20
2
9
RF FREQUENCY (GHz)
–15
–10
–5
3
4
5
6
7
8
20dBm
18dBm
16dBm
14dBm
Figure 20. Conversion Gain vs. RF Frequency at Various LO Drives
70
0
2
10
20
30
40
50
60
9
RF FREQUENCY (GHz)
3
4
5
6
7
8
20dBm
18dBm
16dBm
14dBm
Figure 21. Image Rejection vs. RF Frequency at Various LO Drives
40
0
5
10
15
20
25
30
35
2
9
RF FREQUENCY (GHz)
3
4
5
6
7
8
20dBm
18dBm
16dBm
14dBm
Figure 22. Input IP3 vs. RF Frequency at Various LO Drives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com