Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8193LC4TR-R5 Datasheet(PDF) 19 Page - Analog Devices

Part # HMC8193LC4TR-R5
Description  2.5 GHz to 8.5 GHz, I/Q Mixer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8193LC4TR-R5 Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC8193LC4TR-R5 Datasheet HTML 15Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 16Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 17Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 18Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 19Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
HMC8193
Rev. B | Page 19 of 36
Upconverter Performance at IF = 1000 MHz, Lower Sideband
Data taken at LO drive = 18 dBm and TA = 25°C, unless otherwise noted.
0
–5
–10
–15
–20
2
3
5
4
6
7
8
9
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 66. Conversion Gain vs. RF Frequency at Various Temperatures
40
35
30
20
0
10
25
15
5
2
3
5
4
6
7
8
9
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 67. Sideband Rejection vs. RF Frequency at Various Temperatures
40
35
30
20
0
10
25
15
5
2
3
5
4
6
7
8
9
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 68. Input IP3 vs. RF Frequency at Various Temperatures
0
–5
–10
–15
–20
2
3
5
4
6
7
8
9
RF FREQUENCY (GHz)
20dBm
18dBm
16dBm
14dBm
Figure 69. Conversion Gain vs. RF Frequency at Various LO Drives
40
35
30
20
10
25
15
5
0
2
3
5
4
6
7
8
9
RF FREQUENCY (GHz)
20dBm
18dBm
16dBm
14dBm
Figure 70. Sideband Rejection vs. RF Frequency at Various LO Drives
40
35
30
20
10
25
15
5
0
2
3
5
4
6
7
8
9
RF FREQUENCY (GHz)
20dBm
18dBm
16dBm
14dBm
Figure 71. Input IP3 vs. RF Frequency at Various LO Drives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com