Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8193LC4TR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC8193LC4TR-R5
Description  2.5 GHz to 8.5 GHz, I/Q Mixer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8193LC4TR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC8193LC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
HMC8193
Rev. B | Page 5 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
13
1
3
4
2
NIC
NIC
GND
RF
5
6
GND
NIC
NIC
14 GND
15 LO
16 GND
17 NIC
18 NIC
HMC8193
TOP VIEW
(Not to Scale)
NOTES
1. NOT INTERNALLY CONNECTED. NO CONNECTION IS
REQUIRED. THESE PINS CAN BE CONNECTED TO
RF/DC GROUND WITHOUT AFFECTING PERFORMANCE.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO RF/DC GROUND.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 6 to 8, 10, 13, 17 to 24
NIC
Not Internally Connected. No connection is required. These pins can be connected to RF/dc
ground without affecting performance.
3, 5, 12, 14, 16
GND
Ground Connect. These pins and package bottom must be connected to RF/dc ground. See Figure 3
for the interface schematic.
4
RF
Radio Frequency. This pin is ac-coupled and matched to 50 Ω. See Figure 5 for the interface
schematic.
9
IF1
First and Quadrature Intermediate Frequency. This pin is dc-coupled. For applications not
requiring operation to dc, dc block this port externally using a series capacitor with a value
selected to pass the necessary IF frequency range. For operation to dc, this pin must not source or
sink more than 6 mA of current; otherwise, the device does not function and may fail. See Figure 4
for the interface schematic.
11
IF2
Second Quadrature Intermediate Frequency. This pin is dc-coupled. For applications not
requiring operation to dc, dc block this port externally using a series capacitor with a value
selected to pass the necessary IF frequency range. For operation to dc, this pin must not source or
sink more than 6 mA of current; otherwise, the device does not function and may fail. See Figure 4 for
the interface schematic.
15
LO
Local Oscillator. This pin is ac-coupled and matched to 50 Ω. See Figure 6 for the interface
schematic.
EPAD
Exposed Pad. The exposed pad must be connected to RF/dc ground.
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
IF1, IF2
Figure 4. IF1, IF2 Interface Schematic
RF
Figure 5. RF Interface Schematic
LO
Figure 6. LO Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com