Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8193LC4TR-R5 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC8193LC4TR-R5
Description  2.5 GHz to 8.5 GHz, I/Q Mixer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8193LC4TR-R5 Datasheet(HTML) 4 Page - Analog Devices

  HMC8193LC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
HMC8193
Data Sheet
Rev. B | Page 4 of 36
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
RF Input Power
21 dBm
LO Input Power
25 dBm
IF Input Power
21 dBm
IF Source/Sink Current
6 mA
Continuous Power Dissipation, PDISS
(TA = 85°C, Derate 12.44 mW/°C Above 85°C)
1120 mW
Maximum Junction Temperature
175°C
Maximum Peak Reflow Temperature (MSL3)
260°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
2000 V
Field Induced Charged Device Model (FICDM)
1250 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
E-24-11
120
80
°C/W
1
Thermal impedance simulated values are based on a JEDEC 2S2P test board
with 4 × 4 thermal vias. See JEDEC JESD51-12 for additional information.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com