Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8193LC4TR-R5 Datasheet(PDF) 30 Page - Analog Devices

Part # HMC8193LC4TR-R5
Description  2.5 GHz to 8.5 GHz, I/Q Mixer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8193LC4TR-R5 Datasheet(HTML) 30 Page - Analog Devices

Back Button HMC8193LC4TR-R5 Datasheet HTML 26Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 27Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 28Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 29Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 30Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 31Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 32Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 33Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
HMC8193
Data Sheet
Rev. B | Page 30 of 36
Upconverter M × N Spurious Outputs
Mixer spurious products are measured in dBc from the RF output
power level, unless otherwise specified. Spur values are (M × IF) −
(N × LO).
IF = 100 MHz, RF = 2500 MHz, LO = 2600 MHz, RF power =
−10 dBm, and LO power = +18 dBm..
N × LO
0
1
2
3
4
M × IF
0
Not applicable
10
9
24
20
1
27
0
15
10
29
2
75
53
47
61
61
3
79
59
72
57
76
4
93
90
92
89
92
IF = 100 MHz, RF = 5500 MHz, LO = 5600 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × IF
0
Not applicable
19
20
23
40
1
25
0
50
26
44
2
75
54
70
81
78
3
89
69
85
84
85
4
94
94
89
87
86
IF = 100 MHz, RF = 8500 MHz, LO = 8600 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × IF
0
Not applicable
−2
+16
+18
+19
1
20
+0
+31
+35
+46
2
67
+50
+55
+67
+75
3
77
+70
+81
+79
+78
4
92
+86
+81
+80
+74
IF = 1000 MHz, RF = 2500 MHz, LO = 3500 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × IF
0
Not applicable
12
11
23
34
1
13
0
25
35
46
2
57
48
63
70
80
3
83
91
79
65
82
4
77
91
84
67
83
IF = 1000 MHz, RF = 5500 MHz, LO = 6500 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × IF
0
Not applicable
13
25
33
41
1
11
0
44
31
39
2
63
40
69
64
75
3
84
68
80
78
75
4
84
89
82
79
76
IF = 1000 MHz, RF = 8500 MHz, LO = 9500 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × IF
0
Not applicable
−3
+24
+21
+34
1
+8
0
+45
+36
+36
2
+58
+37
+59
+63
+66
3
+70
+70
+75
+69
+65
4
+80
+80
+75
+70
+68
IF = 3500 MHz, RF = 2500 MHz, LO = 6000 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × IF
0
Not applicable
20
25
22
29
1
8
0
33
43
41
2
67
71
62
75
70
3
87
79
80
79
88
4
85
91
95
97
92
IF = 3500 MHz, RF = 5500 MHz, LO = 9000 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × IF
0
Not applicable
−5
+17
+42
+19
1
+6
0
+40
+37
+49
2
+62
+67
+67
+88
+73
3
+91
+82
+80
+79
+84
4
+86
+94
+94
+89
+88
IF = 3500 MHz, RF = 8500 MHz, LO = 12,000 MHz, RF power =
−10 dBm, and LO power = +18 dBm.
N × LO
0
1
2
3
4
M × IF
0
Not applicable
−1
+12
+5
+7
1
−4
0
+29
+58
+59
2
+37
+44
+62
+71
+60
3
+53
+69
+72
+70
+58
4
+70
+79
+74
+72
+65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com