Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8193LC4TR-R5 Datasheet(PDF) 35 Page - Analog Devices

Part # HMC8193LC4TR-R5
Description  2.5 GHz to 8.5 GHz, I/Q Mixer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8193LC4TR-R5 Datasheet(HTML) 35 Page - Analog Devices

Back Button HMC8193LC4TR-R5 Datasheet HTML 28Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 29Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 30Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 31Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 32Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 33Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 34Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 35Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Data Sheet
HMC8193
Rev. B | Page 35 of 36
EVALUATION BOARD INFORMATION
The EV1HMC8193LC4 evaluation PCB used in the application
must use RF circuit design techniques. Signal lines must have
50 Ω impedance and connect the package ground leads and
exposed pad directly to the ground plane, similar to what is
shown in Figure 119. Use a sufficient number of via holes to
connect the top and bottom ground planes. The evaluation
circuit board shown in Figure 121 is available from Analog
Devices upon request.
Figure 121. EV1HMC8193LC4 Evaluation PCB, Top Layer
Table 6. Bill of Materials for the EV1HMC8193LC41 Evaluation PCB
Quantity
Reference Designator
Description
Manufacturer
Part Number
1
Not applicable
PCB, EV1HMC8193LC42
Analog Devices
109996-1
2
J1, J2
PCB mount SMA RF connector
SRI Connector Gage Co.
21-146-1000-01
2
J3, J4
PCB mount SMA connector
Johnson SMA Connector
142-0701-851
1
U1
Device under test (HMC8193)
Analog Devices
HMC8193
1
Reference this number when ordering the evaluation PCB.
2
The circuit board material is Rogers 4350.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com