Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8193LC4TR-R5 Datasheet(PDF) 34 Page - Analog Devices

Part # HMC8193LC4TR-R5
Description  2.5 GHz to 8.5 GHz, I/Q Mixer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8193LC4TR-R5 Datasheet(HTML) 34 Page - Analog Devices

Back Button HMC8193LC4TR-R5 Datasheet HTML 28Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 29Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 30Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 31Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 32Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 33Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 34Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 35Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
HMC8193
Data Sheet
Rev. B | Page 34 of 36
SOLDERING INFORMATION AND RECOMMENDED
LAND PATTERN
Figure 119 and Figure 120 show the recommended land pattern
and solder stencil for the HMC8193, respectively. The HMC8193
is contained in a 4 mm × 4 mm, 24-terminal, ceramic, LCC
package, which has an exposed ground pad (EP). This pad is
internally connected to the ground of the chip. To minimize
thermal impedance and ensure electrical performance, solder
the pad to the low impedance ground plane on the PCB. To
further reduce thermal impedance, it is recommended that the
ground planes on all layers under the pad be stitched together
with vias.
The land pattern on the HMC8193 evaluation board provides a
simulated thermal resistance (θJA) of 120°C/W
.010" REF
.030"
MASK OPENING
.098" SQUARE MASK OPENING
.020 × 45" CHAMFER FOR PIN 1
.106" SQUARE
GROUND PAD
.116"
MASK
OPENING
PIN 1
.0197"
[0.50]
.034"
TYPICAL
VIA
SPACING
PAD SIZE
.026" × .010"
ᶲ .010"
TYPICAL VIA
GROUND PAD
SOLDERMASK
.004" MASK/METAL OVERLAP
.178" SQUARE
.010" MIN MASK WIDTH
Figure 119. Evaluation Board Land Pattern for the HMC8193 Package
0.020
TYP
0.008
TYP
0.019
TYP
0.024
TYP
0.094
0.176
SQUARE
0.017
0.094
R0.004
TYP
Figure 120. Solder Stencil for the HMC8193 Package on the HMC8193 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com