Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8193LC4TR-R5 Datasheet(PDF) 32 Page - Analog Devices

Part # HMC8193LC4TR-R5
Description  2.5 GHz to 8.5 GHz, I/Q Mixer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8193LC4TR-R5 Datasheet(HTML) 32 Page - Analog Devices

Back Button HMC8193LC4TR-R5 Datasheet HTML 28Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 29Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 30Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 31Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 32Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 33Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 34Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 35Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
HMC8193
Data Sheet
Rev. B | Page 32 of 36
THEORY OF OPERATION
The HMC8193 is a passive, wideband, I/Q, MMIC mixer that
can be used as an image rejection mixer or as a single-sideband
upconverter for transmitter operations. With an RF and LO
range of 2.5 GHz to 8.5 GHz, as well as an IF bandwidth of dc to
4 GHz, the HMC8193 is ideal for applications requiring wide
frequency range, excellent RF performance, and a simple design
that includes a few components and a small PCB footprint. A single
HMC8193 can replace multiple narrow-band mixers in a design.
The inherent I/Q architecture of the HMC8193 offers excellent
image rejection and sideband rejection, thereby eliminating the
need for expensive filtering of unwanted sidebands. The double
balanced architecture of the mixer also provides excellent LO to
RF and LO to IF isolation and reduces the effect of LO leakage
to ensure signal integrity.
The HMC8193 does not require any dc power sources because
it is a passive mixer. The device offers a lower noise figure than
an active mixer, ensuring superior dynamic range for high
performance and precision applications.
The HMC8193 is fabricated on a GaAs MESFET process and
uses Analog Devices mixer cells and a 90° hybrid. The HMC8193 is
available in a compact, 4 mm × 4 mm, 24-terminal LCC package
and operates over a −40°C to +85°C temperature range. An
evaluation board for the HMC8193 is also available from
Analog Devices.
For both upconversion and downconversion, an external 90°
hybrid is required. See the Applications Information section for
information regarding interfacing with an external 90° hybrid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com