Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8193LC4TR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC8193LC4TR-R5
Description  2.5 GHz to 8.5 GHz, I/Q Mixer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8193LC4TR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC8193LC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC8193LC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
HMC8193
Rev. B | Page 3 of 36
SPECIFICATIONS
TA = 25°C, IF = 100 MHz, and LO drive = 18 dBm; all measurements performed as downconverter with lower sideband selected, unless
otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
RADIO FREQUENCY
RF
2.5
8.5
GHz
LOCAL OSCILLATOR
LO
Frequency
2.5
8.5
GHz
Drive Level
18
dBm
INTERMEDIATE FREQUENCY
IF
DC
4
GHz
RF PERFORMANCE AS DOWNCONVERTER
Conversion Loss
9
11
dB
Image Rejection
23
25
dBc
Single-Sideband (SSB) Noise Figure
11.5
dB
Input Third-Order Intercept
IP3
16
20
dBm
Input 1 dB Compression Point
P1dB
13
dBm
Input Second-Order Intercept
IP2
58
dBm
Isolation
RF to IF
13
22
dB
LO to RF
37
48
dB
LO to IF
30
38
dB
Amplitude Balance
±0.5
dB
Phase Balance
±5
Degrees
RF PERFORMANCE AS UPCONVERTER
Conversion Loss
8.5
dB
Sideband Rejection
23
dBc
Input Third-Order Intercept
IP3
21
dBm
RETURN LOSS PERFORMANCE
RF
13
dB
LO
13
dB
IFx
17
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com