Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 16Page - National Semiconductor (TI) LP3971 Datasheet HTML 17Page - National Semiconductor (TI) LP3971 Datasheet HTML 18Page - National Semiconductor (TI) LP3971 Datasheet HTML 19Page - National Semiconductor (TI) LP3971 Datasheet HTML 20Page - National Semiconductor (TI) LP3971 Datasheet HTML 21Page - National Semiconductor (TI) LP3971 Datasheet HTML 22Page - National Semiconductor (TI) LP3971 Datasheet HTML 23Page - National Semiconductor (TI) LP3971 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
I
2C Register Definitions (Continued)
BACKUP BATTERY CHARGER CONTROL REGISTER (BBCC) 8h’0B
Bit
7
6
5
4
3
2
1
0
Designation
NBUB
CNBFL
nBFLT
BUCEN
IBUC
Reset Value
0
0
0
1
0
0
0
1
BACKUP BATTERY CHARGER CONTROL REGISTER (BBCC) 8h’0B DEFINITIONS
Bit
Access
Name
Description
7
R/W
NBUB
No back-up battery default setting. Logic will not allow switch over to back-up battery.
0 = Back up Battery Enabled
1 = Back up Battery Disabled
6
R/W
CNBFL
Control for nBATT_FLT output signal
0 = nBATT_FLT Enabled
1 = nBATT_FLT Disabled
5:3
R/W
BFLT
nBATT_FLT monitors the battery voltage and can be set to the De-assert voltages listed
below.
Data Code
Asserted
De-Asserted
3h’00
2.4
2.6
3h’01
2.6
2.8
3h’02
2.8
3.0
3h’03
3.0
3.2
3h’04
3.2
3.4
3h’05
3.4
3.6
2
R/W
BUCEN
Enables backup battery charger
0 = Back up Battery Charger Disabled
1 = Back up Battery Charger Enabled
1:0
R/W
IBUC
Charger current setting for back-up battery
Data Code
BU Charger I (µA)
2h’00
260
2h’01
190
2h’02
325
2h’03
390
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com